Electronic Components Datasheet Search
  English  ▼

X  

RS2D Datasheet(PDF) 1 Page - Diodes Incorporated

Part # RS2D
Description  1.5A SURFACE MOUNT FAST RECOVERY RECTIFIER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

RS2D Datasheet(HTML) 1 Page - Diodes Incorporated

  RS2D Datasheet HTML 1Page - Diodes Incorporated RS2D Datasheet HTML 2Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
D
S15004 Rev. E-2
1 of 2
RS2A/A - RS2M/A
RS2A/A - RS2M/A
1.5A SURFACE MOUNT FAST RECOVERY RECTIFIER
Features
AA, BA, DA, GA, JA, KA, MA Suffix Designates SMA Package
A, B, D, G, J, K Suffix Designates SMB Package
SMA
SMB
Dim
Min
Max
Min
Max
A
2.29
2.92
3.30
3.94
B
4.00
4.60
4.06
4.57
C
1.27
1.63
1.96
2.21
D
0.15
0.31
0.15
0.31
E
4.80
5.59
5.00
5.59
G
0.10
0.20
0.10
0.20
H
0.76
1.52
0.76
1.52
J
2.01
2.62
2.00
2.62
All Dimensions in mm
A
B
C
D
G
H
E
J
·
Glass Passivated Die Construction
·
Fast Recovery Time For High Efficiency
·
Low Forward Voltage Drop and High Current
Capability
·
Surge Overload Rating to 50A Peak
·
Ideally Suited for Automated Assembly
·
Plastic Material: UL Flammability
Classification Rating 94V-0
Mechanical Data
·
Case: Molded Plastic
·
Terminals: Solder Plated Terminal -
Solderable per MIL-STD-202, Method 208
·
Polarity: Cathode Band or Cathode Notch
·
SMA Weight: 0.065 grams (approx.)
·
SMB Weight: 0.09 grams (approx.)
·
Mounting Position: Any
·
Marking: Type Number
Maximum Ratings and Electrical Characteristics TA = 25°C unless otherwise specified
Single phase, half wave, 60Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
Characteristic
Symbol
RS2
A/AA
RS2
B/BA
RS2
D/DA
RS2
G/GA
RS2
J/JA
RS2
K/KA
RS2
M/MA
Unit
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
VRRM
VRWM
VR
50
100
200
400
600
800
1000
V
RMS Reverse Voltage
VR(RMS)
35
70
140
280
420
560
700
V
Average Rectified Output Current
@ TT = 120
°C
IO
1.5
A
Non-Repetitive Peak Forward Surge Current
8.3ms Single half sine-wave Superimposed on Rated Load
(JEDEC Method)
IFSM
50
A
Forward Voltage
@ IF = 1.5A
VFM
1.3
V
Peak Reverse Current
@ TA = 25
°C
at Rated DC Blocking Voltage
@ TA = 125
°C
IRM
5.0
200
mA
Reverse Recovery Time (Note 3)
trr
150
250
500
ns
Typical Junction Capacitance (Note 2)
Cj
30
pF
Typical Thermal Resistance, Junction to Terminal (Note 1)
RqJT
20
K/W
Operating and Storage Temperature Range
Tj, TSTG
-65 to +150
°C
Notes:
1. Thermal Resistance: Junction to terminal, unit mounted on PC board with 5.0 mm2 (0.013 mm thick) copper pads as heat sink.
2. Measured at 1.0MHz and applied reverse voltage of 4.0V DC.
3. Reverse Recovery Test Conditions: IF = 0.5A, IR = 1.0A, Irr = 0.25A. See Figure 5.


Similar Part No. - RS2D

ManufacturerPart #DatasheetDescription
logo
Shanghai Sunrise Electr...
RS2D SSE-RS2D Datasheet
19Kb / 2P
SURFACE MOUNT FAST SWITCHING RECTIFIER
logo
Fuji Electric
RS2D FUJI-RS2D Datasheet
759Kb / 1P
1.5AMP SURFACE MOUNT GLASS FAST RECOVERY RECTIFIER
logo
General Semiconductor
RS2D GE-RS2D Datasheet
74Kb / 2P
SURFACE MOUNT FAST SWITCHING RECTIFIER
logo
Taiwan Semiconductor Co...
RS2D TSC-RS2D Datasheet
55Kb / 2P
2.0 AMPS. Fast Recovery Surface Mount Rectifiers
RS2D TSC-RS2D Datasheet
270Kb / 2P
2.0 AMPS. Surface Mount Fast Recovery Rectifiers
More results

Similar Description - RS2D

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
FR151 WTE-FR151 Datasheet
46Kb / 3P
1.5A FAST RECOVERY RECTIFIER
logo
Sanken electric
SFPX-62 SANKEN-SFPX-62 Datasheet
18Kb / 1P
Surface mount 1.5A Ultra-fast-recovery rectifier diode
logo
Diodes Incorporated
FR151 DIODES-FR151 Datasheet
59Kb / 2P
1.5A FAST RECOVERY RECTIFIER
DS26006 Rev. C-3
RS2A DIODES-RS2A_1 Datasheet
393Kb / 3P
1.5A SURFACE MOUNT FAST RECOVERY RECTIFIER
DS15004 Rev. 9 - 2
logo
TAITRON Components Inco...
RS2A TAITRON-RS2A Datasheet
213Kb / 4P
1.5A Surface Mount Fast Recovery Rectifier
logo
Diodes Incorporated
RS2A DIODES-RS2A_10 Datasheet
104Kb / 4P
1.5A SURFACE MOUNT FAST RECOVERY RECTIFIER
DS15004 Rev. 11 - 2
RS2AA-13 DIODES-RS2AA-13 Datasheet
104Kb / 4P
1.5A SURFACE MOUNT FAST RECOVERY RECTIFIER
Rev 11
RS2JA-13-F DIODES-RS2JA-13-F Datasheet
104Kb / 4P
1.5A SURFACE MOUNT FAST RECOVERY RECTIFIER
Rev 11
RS2J-13-F DIODES-RS2J-13-F Datasheet
104Kb / 4P
1.5A SURFACE MOUNT FAST RECOVERY RECTIFIER
Rev 11
RS2AA DIODES-RS2AA_15 Datasheet
104Kb / 4P
1.5A SURFACE MOUNT FAST RECOVERY RECTIFIER
Rev 11
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com