Electronic Components Datasheet Search
  English  ▼

X  

EP3C5 Datasheet(PDF) 48 Page - Altera Corporation

Part # EP3C5
Description  Cyclone III Device Family Overview
PDF  274 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

EP3C5 Datasheet(HTML) 48 Page - Altera Corporation

Back Button EP3C5 Datasheet HTML 44Page - Altera Corporation EP3C5 Datasheet HTML 45Page - Altera Corporation EP3C5 Datasheet HTML 46Page - Altera Corporation EP3C5 Datasheet HTML 47Page - Altera Corporation EP3C5 Datasheet HTML 48Page - Altera Corporation EP3C5 Datasheet HTML 49Page - Altera Corporation EP3C5 Datasheet HTML 50Page - Altera Corporation EP3C5 Datasheet HTML 51Page - Altera Corporation EP3C5 Datasheet HTML 52Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 274 page
background image
3–14
Chapter 3: Memory Blocks in the Cyclone III Device Family
Clocking Modes
Cyclone III Device Handbook
December 2011
Altera Corporation
Volume 1
Clocking Modes
Cyclone III device family M9K memory blocks support the following clocking modes:
■
Independent
■
Input or output
■
Read or write
■
Single-clock
When using read or write clock mode, if you perform a simultaneous read or write to
the same address location, the output read data is unknown. If you require the output
data to be a known value, use either single-clock mode or I/O clock mode and choose
the appropriate read-during-write behavior in the MegaWizard Plug-In Manager.
1 Violating the setup or hold time on the memory block input registers might corrupt
the memory contents. This applies to both read and write operations.
1 Asynchronous clears are available on read address registers, output registers, and
output latches only.
Table 3–5 lists the clocking mode versus memory mode support matrix.
Independent Clock Mode
Cyclone III device family M9K memory blocks can implement independent clock
mode for true dual-port memories. In this mode, a separate clock is available for each
port (port A and port B). clock A controls all registers on the port A side, while clock
B
controls all registers on the port B side. Each port also supports independent clock
enables for port A and B registers.
I/O Clock Mode
Cyclone III device family M9K memory blocks can implement input or output clock
mode for FIFO, single-port, true, and simple dual-port memories. In this mode, an
input clock controls all input registers to the memory block, including data, address,
byteena
, wren, and rden registers. An output clock controls the data-output registers.
Each memory block port also supports independent clock enables for input and
output registers.
Table 3–5. Cyclone III Device Family Memory Clock Modes
Clocking Mode
True Dual-Port
Mode
Simple
Dual-Port
Mode
Single-Port
Mode
ROM Mode
FIFO Mode
Independent
v
——
v
—
Input or output
vv
v
v
—
Read or write
—
v
——
v
Single-clock
vv
v
v
v



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com