Electronic Components Datasheet Search
  English  ▼

X  

2SC5005 Datasheet(PDF) 7 Page - NEC

Part # 2SC5005
Description  NPN SILICON EPITAXIAL TRANSISTOR 3 PINS ULTRA SUPER MINI MOLD
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

2SC5005 Datasheet(HTML) 7 Page - NEC

  2SC5005 Datasheet HTML 1Page - NEC 2SC5005 Datasheet HTML 2Page - NEC 2SC5005 Datasheet HTML 3Page - NEC 2SC5005 Datasheet HTML 4Page - NEC 2SC5005 Datasheet HTML 5Page - NEC 2SC5005 Datasheet HTML 6Page - NEC 2SC5005 Datasheet HTML 7Page - NEC 2SC5005 Datasheet HTML 8Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
2SC5005
7
S–PARAMETER
VCE = 3 V, IC = 3 mA, ZO = 50
Ω
FREQUENCY
S11
S21
S12
S22
ANG
–11.9
–22.2
–29.4
–34.5
–38.3
–41.2
–43.3
–45.2
–46.7
–48.2
–49.6
–51.3
–52.9
–55.0
–56.9
–58.9
–60.8
–63.0
–65.5
–68.4
–71.1
–74.1
–77.3
–80.7
–84.3
–88.4
–92.5
–97.3
–101.9
–106.8
VCE = 3 V, IC = 1 mA, ZO = 50
Ω
FREQUENCY
S11
S21
S12
S22
MHz
100.00
200.00
300.00
400.00
500.00
600.00
700.00
800.00
900.00
1000.00
1100.00
1200.00
1300.00
1400.00
1500.00
1600.00
1700.00
1800.00
1900.00
2000.00
2100.00
2200.00
2300.00
2400.00
2500.00
2600.00
2700.00
2800.00
2900.00
3000.00
MAG
.983
.956
.925
.884
.840
.796
.744
.699
.651
.605
.560
.521
.493
.466
.444
.428
.413
.402
.397
.392
.391
.393
.396
.400
.405
.410
.417
.429
.435
.445
ANG
–9.9
–19.8
–29.7
–39.6
–49.4
–58.1
–67.4
–76.6
–85.6
–95.0
–104.0
–113.1
–121.1
–129.5
–137.3
–145.0
–152.8
–159.8
–167.2
–174.4
179.4
173.5
167.3
162.0
157.1
152.0
147.4
143.3
139.2
135.3
MAG
1.946
2.001
2.042
2.016
2.025
1.896
1.869
1.830
1.786
1.777
1.741
1.699
1.638
1.590
1.533
1.486
1.444
1.397
1.356
1.322
1.280
1.243
1.219
1.180
1.153
1.127
1.101
1.072
1.048
1.024
ANG
164.5
150.1
137.5
125.7
115.5
104.7
94.6
84.7
75.4
66.3
57.6
49.3
41.3
33.7
26.2
19.1
11.9
5.2
–1.6
–8.0
–14.3
–20.5
–26.5
–32.6
–38.3
–44.2
–49.8
–55.5
–60.9
–66.4
MAG
.032
.062
.087
.110
.130
.146
.158
.169
.177
.185
.189
.195
.199
.202
.205
.208
.211
.213
.217
.220
.223
.228
.231
.236
.241
.246
.250
.256
.263
.269
ANG
79.0
69.1
59.7
50.3
42.4
34.2
27.7
21.4
15.6
10.0
5.3
.9
–3.5
–7.5
–11.3
–15.0
–18.7
–21.7
–24.9
–27.9
–30.9
–33.8
–36.8
–39.7
–42.3
–45.2
–48.0
–50.6
–53.8
–56.5
MAG
.990
.969
.931
.896
.853
.818
.779
.745
.708
.680
.653
.629
.611
.591
.575
.560
.546
.532
.519
.511
.497
.488
.477
.469
.458
.451
.443
.435
.428
.424
ANG
–6.5
–12.7
–18.2
–23.2
–27.7
–31.6
–35.0
–38.2
–40.9
–43.6
–46.0
–48.3
–50.4
–53.0
–55.3
–57.6
–60.1
–62.5
–65.2
–67.8
–70.8
–73.8
–76.8
–80.2
–83.5
–87.2
–91.1
–95.1
–99.2
–103.6
MHz
100.00
200.00
300.00
400.00
500.00
600.00
700.00
800.00
900.00
1000.00
1100.00
1200.00
1300.00
1400.00
1500.00
1600.00
1700.00
1800.00
1900.00
2000.00
2100.00
2200.00
2300.00
2400.00
2500.00
2600.00
2700.00
2800.00
2900.00
3000.00
MAG
.927
.854
.773
.695
.610
.546
.477
.428
.388
.356
.334
.317
.305
.298
.295
.295
.295
.297
.304
.310
.319
.325
.336
.344
.355
.365
.375
.386
.397
.408
ANG
–15.4
–30.3
–45.0
–59.3
–73.4
–84.6
–96.7
–107.5
–117.9
–127.6
–136.5
–145.4
–153.4
–161.0
–168.4
–175.2
178.4
172.5
166.7
161.0
156.1
152.0
147.6
143.7
140.0
136.4
133.3
130.1
127.2
124.2
MAG
5.565
5.460
5.302
4.990
4.776
4.313
4.041
3.741
3.476
3.230
3.014
2.817
2.644
2.495
2.360
2.246
2.138
2.042
1.958
1.885
1.811
1.752
1.695
1.636
1.587
1.541
1.501
1.456
1.415
1.382
ANG
158.7
141.0
126.4
113.7
101.8
91.2
81.1
71.6
63.1
55.2
47.7
40.8
33.9
27.4
20.9
14.8
8.6
2.5
–3.5
–9.2
–15.0
–20.7
–26.3
–31.8
–37.2
–42.8
–48.1
–53.5
–58.7
–64.0
MAG
.030
.055
.074
.088
.100
.109
.117
.125
.133
.140
.149
.156
.164
.173
.179
.187
.195
.205
.213
.221
.229
.238
.246
.254
.261
.271
.280
.288
.296
.305
ANG
74.8
62.3
52.8
45.0
39.0
34.2
29.8
25.9
22.3
19.4
16.0
13.2
9.7
6.7
3.1
–.1
–3.4
–6.9
–10.1
–13.4
–17.1
–20.7
–24.3
–27.9
–31.5
–35.3
–38.9
–42.9
–46.8
–50.3
MAG
.961
.887
.792
.715
.646
.595
.550
.514
.484
.458
.437
.419
.403
.389
.375
.361
.350
.338
.326
.319
.306
.297
.287
.276
.267
.259
.250
.241
.235
.229



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com