Electronic Components Datasheet Search
  English  ▼

X  

EP4CE10 Datasheet(PDF) 5 Page - Altera Corporation

Part # EP4CE10
Description  Cyclone IV Device Datasheet
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

EP4CE10 Datasheet(HTML) 5 Page - Altera Corporation

  EP4CE10 Datasheet HTML 1Page - Altera Corporation EP4CE10 Datasheet HTML 2Page - Altera Corporation EP4CE10 Datasheet HTML 3Page - Altera Corporation EP4CE10 Datasheet HTML 4Page - Altera Corporation EP4CE10 Datasheet HTML 5Page - Altera Corporation EP4CE10 Datasheet HTML 6Page - Altera Corporation EP4CE10 Datasheet HTML 7Page - Altera Corporation EP4CE10 Datasheet HTML 8Page - Altera Corporation EP4CE10 Datasheet HTML 9Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 42 page
background image
Chapter 1: Cyclone IV Device Datasheet
1–5
Operating Conditions
December 2013
Altera Corporation
Cyclone IV Device Handbook,
Volume 3
IDiode
Magnitude of DC current across
PCI-clamp diode when enable
——
—
10
mA
Notes to Table 1–3:
(1) Cyclone IV E 1.0 V core voltage devices only support C8L, C9L, and I8L speed grades. Cyclone IV E 1.2 V core voltage devices only support
C6, C7, C8, I7, and A7 speed grades.
(2) VCCIO for all I/O banks must be powered up during device operation. All VCCA pins must be powered to 2.5 V (even when PLLs are not used)
and must be powered up and powered down at the same time.
(3) VCC must rise monotonically.
(4) VCCIO powers all input buffers.
(5) The I7 devices support extended operating junction temperature up to 125°C (usual range is –40°C to 100°C). When using I7 devices at the
extended junction temperature ranging from –40°C to 125°C, select C8 as the target device when designing in the Quartus® II software. The I7
devices meet all C8 timing specifications when I7 devices operate beyond 100°C and up to 125°C.
(6) The POR time for Standard POR ranges between 50 and 200 ms. Each individual power supply must reach the recommended operating range
within 50 ms.
(7) The POR time for Fast POR ranges between 3 and 9 ms. Each individual power supply must reach the recommended operating range within
3ms.
Table 1–3. Recommended Operating Conditions for Cyclone IV E Devices (1), (2) (Part 2 of 2)
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Table 1–4. Recommended Operating Conditions for Cyclone IV GX Devices (Part 1 of 2)
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VCCINT (3)
Core voltage, PCIe hard IP block, and
transceiver PCS power supply
—
1.16
1.2
1.24
V
VCCA (1), (3)
PLL analog power supply
—
2.375
2.5
2.625
V
VCCD_PLL (2)
PLL digital power supply
—
1.16
1.2
1.24
V
VCCIO (3), (4)
I/O banks power supply for 3.3
-V
operation
—
3.135
3.3
3.465
V
I/O banks power supply for 3.0
-V
operation
—
2.85
3
3.15
V
I/O banks power supply for 2.5
-V
operation
—
2.375
2.5
2.625
V
I/O banks power supply for 1.8
-V
operation
—
1.71
1.8
1.89
V
I/O banks power supply for 1.5
-V
operation
—
1.425
1.5
1.575
V
I/O banks power supply for 1.2
-V
operation
—
1.14
1.2
1.26
V
VCC_CLKIN
(3), (5), (6)
Differential clock input pins power
supply for 3.3
-V operation
—
3.135
3.3
3.465
V
Differential clock input pins power
supply for 3.0
-V operation
—
2.85
3
3.15
V
Differential clock input pins power
supply for 2.5
-V operation
—
2.375
2.5
2.625
V
Differential clock input pins power
supply for 1.8
-V operation
—
1.71
1.8
1.89
V
Differential clock input pins power
supply for 1.5
-V operation
—
1.425
1.5
1.575
V
Differential clock input pins power
supply for 1.2
-V operation
—
1.14
1.2
1.26
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com