Electronic Components Datasheet Search
  English  ▼

X  

EP3C40 Datasheet(PDF) 18 Page - Altera Corporation

Part # EP3C40
Description  Cyclone III Device Family Overview
PDF  274 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

EP3C40 Datasheet(HTML) 18 Page - Altera Corporation

Back Button EP3C40 Datasheet HTML 14Page - Altera Corporation EP3C40 Datasheet HTML 15Page - Altera Corporation EP3C40 Datasheet HTML 16Page - Altera Corporation EP3C40 Datasheet HTML 17Page - Altera Corporation EP3C40 Datasheet HTML 18Page - Altera Corporation EP3C40 Datasheet HTML 19Page - Altera Corporation EP3C40 Datasheet HTML 20Page - Altera Corporation EP3C40 Datasheet HTML 21Page - Altera Corporation EP3C40 Datasheet HTML 22Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 274 page
background image
1–6
Chapter 1: Cyclone III Device Family Overview
Cyclone III Device Family Architecture
Cyclone III Device Handbook
July 2012
Altera Corporation
Volume 1
Table 1–5 lists Cyclone III device family configuration schemes.
Cyclone III Device Family Architecture
Cyclone III device family includes a customer-defined feature set that is optimized for
portable applications and offers a wide range of density, memory, embedded
multiplier, and I/O options. Cyclone III device family supports numerous external
memory interfaces and I/O protocols that are common in high-volume applications.
The Quartus II software features and parameterizable IP cores make it easier for you
to use the Cyclone III device family interfaces and protocols.
The following sections provide an overview of the Cyclone III device family features.
Logic Elements and Logic Array Blocks
The logic array block (LAB) consists of 16 logic elements and a LAB-wide control
block. An LE is the smallest unit of logic in the Cyclone III device family architecture.
Each LE has four inputs, a four-input look-up table (LUT), a register, and output logic.
The four-input LUT is a function generator that can implement any function with four
variables.
f For more information about LEs and LABs, refer to the Logic Elements and Logic Array
Blocks in the Cyclone III Device Family chapter.
Cyclone III
LS
EP3CLS70
—
—
—
—
—
—
C7, C8, I7 C7, C8, I7
C7, C8,
I7
EP3CLS100
—
—
—
—
—
—
C7, C8, I7 C7, C8, I7
C7, C8,
I7
EP3CLS150
—
—
—
—
—
—
C7, C8, I7
—
C7, C8,
I7
EP3CLS200
—
—
—
—
—
—
C7, C8, I7
—
C7, C8,
I7
Table 1–4. Cyclone III Device Family Speed Grades (Part 2 of 2)
Family
Device
E144
M164
P240
F256
U256
F324
F484
U484
F780
Table 1–5. Cyclone III Device Family Configuration Schemes
Configuration Scheme
Cyclone III
Cyclone III LS
Active serial (AS)
v
v
Active parallel (AP)
v
—
Passive serial (PS)
v
v
Fast passive parallel (FPP)
v
v
Joint Test Action Group (JTAG)
v
v



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com