| Electronic Components Datasheet Search |
|
EP4CE22 Datasheet(PDF) 14 Page - Altera Corporation |
|
|
|||||||||||||||||||||||||||||
EP4CE22 Datasheet(HTML) 14 Page - Altera Corporation |
|
14 / 42 page ![]() 1–14 Chapter 1: Cyclone IV Device Datasheet Operating Conditions Cyclone IV Device Handbook, December 2013 Altera Corporation Volume 3 f For more information about receiver input and transmitter output waveforms, and for other differential I/O standards, refer to the I/O Features in Cyclone IV Devices chapter. Table 1–18. Differential SSTL I/O Standard Specifications for Cyclone IV Devices (1) I/O Standard VCCIO (V) VSwing(DC) (V) VX(AC) (V) VSwing(AC) (V) VOX(AC) (V) Min Typ Max Min Max Min Typ Max Min Max Min Typ Max SSTL -2 Class I, II 2.375 2.5 2.625 0.36 VCCIO VCCIO/2 – 0.2 — VCCIO/2 + 0.2 0.7 VCCI O VCCIO/2 – 0.125 — VCCIO/2 + 0.125 SSTL -18 Class I, II 1.7 1.8 1.90 0.25 VCCIO VCCIO/2 – 0.175 — VCCIO/2 + 0.175 0.5 VCCI O VCCIO/2 – 0.125 — VCCIO/2 + 0.125 Note to Table 1–18: (1) Differential SSTL requires a VREF input. Table 1–19. Differential HSTL I/O Standard Specifications for Cyclone IV Devices (1) I/O Standard VCCIO (V) VDIF(DC) (V) VX(AC) (V) VCM(DC) (V) VDIF(AC) (V) Min Typ Max Min Max Min Typ Max Min Typ Max Mi n Max HSTL -18 Class I, II 1.71 1.8 1.89 0.2 — 0.85 — 0.95 0.85 — 0.95 0.4 — HSTL -15 Class I, II 1.425 1.5 1.575 0.2 — 0.71 — 0.79 0.71 — 0.79 0.4 — HSTL -12 Class I, II 1.14 1.2 1.26 0.16 VCCIO 0.48 x VCCIO — 0.52 x VCCIO 0.48 x VCCIO — 0.52 x VCCIO 0.3 0.48 x VCCIO Note to Table 1–19: (1) Differential HSTL requires a VREF input. Table 1–20. Differential I/O Standard Specifications for Cyclone IV Devices (1) (Part 1 of 2) I/O Standard VCCIO (V) VID (mV) VIcM (V) (2) VOD (mV) (3) VOS (V) (3) Min Typ Max Min Max Min Condition Max Min Typ Max Min Typ Max LVPECL (Row I/Os) (6) 2.375 2.5 2.625 100 — 0.05 DMAX500 Mbps 1.80 ——— — — — 0.55 500 Mbps D MAX 700 Mbps 1.80 1.05 DMAX > 700 Mbps 1.55 LVPECL (Column I/Os) (6) 2.375 2.5 2.625 100 — 0.05 DMAX 500 Mbps 1.80 ——— — — — 0.55 500 Mbps D MAX 700 Mbps 1.80 1.05 DMAX > 700 Mbps 1.55 LVDS (Row I/Os) 2.375 2.5 2.625 100 — 0.05 DMAX 500 Mbps 1.80 247 — 600 1.125 1.25 1.375 0.55 500 Mbps D MAX 700 Mbps 1.80 1.05 DMAX > 700 Mbps 1.55 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |