Electronic Components Datasheet Search
  English  ▼

X  

LM150 Datasheet(PDF) 3 Page - Texas Instruments

Part # LM150
Description  LM150/LM350A/LM350 3-Amp Adjustable Regulators
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM150 Datasheet(HTML) 3 Page - Texas Instruments

  LM150 Datasheet HTML 1Page - Texas Instruments LM150 Datasheet HTML 2Page - Texas Instruments LM150 Datasheet HTML 3Page - Texas Instruments LM150 Datasheet HTML 4Page - Texas Instruments LM150 Datasheet HTML 5Page - Texas Instruments LM150 Datasheet HTML 6Page - Texas Instruments LM150 Datasheet HTML 7Page - Texas Instruments LM150 Datasheet HTML 8Page - Texas Instruments LM150 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 21 page
background image
LM150, LM350-N, LM350A
www.ti.com
SNVS772B – MAY 1998 – REVISED MARCH 2013
Electrical Characteristics
Specifications with standard type face are for TJ = 25°C, and those with boldface type apply over full Operating
Temperature Range. Unless otherwise specified, VIN − VOUT = 5V, and IOUT = 10 mA.
(1)
LM350A
LM350
Units
Parameter
Conditions
Min
Typ
Max
Min
Typ
Max
IOUT = 10 mA, TJ = 25°C
1.238
1.250
1.262
V
Reference Voltage
3V
≤ (VIN − VOUT) ≤ 35V,
1.225
1.250
1.270
1.20
1.25
1.30
V
10 mA
≤ IOUT ≤ 3A, P ≤ 30W
0.005
0.01
0.005
0.03
%/V
Line Regulation
3V
≤ (VIN − VOUT) ≤ 35V
(2)
0.02
0.05
0.02
0.07
%/V
0.1
0.3
0.1
0.5
%
Load Regulation
10 mA
≤ IOUT ≤ 3A
(2)
0.3
1
0.3
1.5
%
Thermal Regulation
20 ms Pulse
0.002
0.01
0.002
0.03
%/W
Adjustment Pin Current
50
100
50
100
μA
Adjustment Pin Current Change
10 mA
≤ IOUT ≤ 3A, 3V ≤ (VIN − VOUT) ≤ 35V
0.2
5
0.2
5
μA
Temperature Stability
TMIN ≤ TJ ≤ TMAX
1
1
%
Minimum Load Current
VIN − VOUT = 35V
3.5
10
3.5
10
mA
VIN − VOUT ≤ 10V
3.0
4.5
3.0
4.5
A
Current Limit
VIN − VOUT = 30V
0.3
1
0.25
1
A
RMS Output Noise, % of VOUT
10 Hz
≤ f ≤ 10 kHz
0.001
0.001
%
VOUT = 10V, f = 120 Hz, CADJ = 0 μF
65
65
dB
Ripple Rejection Ratio
VOUT = 10V, f = 120 Hz, CADJ = 10 μF
66
86
66
86
dB
Long-Term Stability
TJ = 125°C, 1000 hrs
0.25
1
0.25
1
%
NDS Package
1.2
1.5
°C/W
Thermal Resistance, Junction to
Case
NDE Package
3
4
3
4
°C/W
NDS Package
35
°C/W
Thermal Resistance, Junction to
Ambient (No Heat Sink)
NDE Package
50
50
°C/W
(1)
These specifications are applicable for power dissipations up to 30W for the TO-3 (NDS) package and 25W for the TO-220 (NDE)
package. Power dissipation is ensured at these values up to 15V input-output differential. Above 15V differential, power dissipation will
be limited by internal protection circuitry. All limits (i.e., the numbers in the Min. and Max. columns) are ensured to AOQL (Average
Outgoing Quality Level).
(2)
Regulation is measured at a constant junction temperature, using pulse testing with a low duty cycle. Changes in output voltage due to
heating effects are covered under the specifications for thermal regulation.
Copyright © 1998–2013, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: LM150 LM350-N LM350A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com