Electronic Components Datasheet Search
  English  ▼

X  

SBG1640CT Datasheet(PDF) 1 Page - Diodes Incorporated

Part # SBG1640CT
Description  16A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

SBG1640CT Datasheet(HTML) 1 Page - Diodes Incorporated

  SBG1640CT Datasheet HTML 1Page - Diodes Incorporated SBG1640CT Datasheet HTML 2Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
DS30090 Rev. B-2
1 of 2
SBG1630CT - SBG1645CT
SBG1630CT - SBG1645CT
16A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
Features
Single phase, half wave, 60Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
Maximum Ratings and Electrical Characteristics @ TA = 25°C unless otherwise specified
·
Case: D2PAK Molded Plastic
·
Terminals: Solderable per MIL-STD-202,
Method 208
·
Polarity: See Diagram
·
Marking: Type Number
·
Weight: 1.7 grams (approx.)
·
Mounting Position: Any
Mechanical Data
B
C
D
E
G
H
J
K
L
M
A
123
4
PIN 1
PIN 3
PIN2&4
D2PAK
Dim
Min
Max
A
9.65
10.69
B
14.60
15.88
C
0.51
1.14
D
2.29
2.79
E
4.37
4.83
G
1.14
1.40
H
1.14
1.40
J
8.25
9.25
K
0.30
0.64
L
2.03
2.92
M
2.29
2.79
All Dimensions in mm
Characteristic
Symbol
SBG
1630CT
SBG
1635CT
SBG
1640CT
SBG
1645CT
Unit
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
VRRM
VRWM
VR
30
35
40
45
V
RMS Reverse Voltage
VR(RMS)
21
25
28
32
V
Average Rectified Output Current
@ TC = 95
°C
IO
16
A
Non-Repetitive Peak Forward Surge Current
8.3ms Single half sine-wave superimposed on rated load
(JEDEC Method)
IFSM
175
A
Forward Voltage, per Element
@ IF = 8.0A
VFM
0.55
V
Peak Reverse Current
@ Tj = 25
°C
at Rated DC Blocking Voltage
@ Tj = 125
°C
IRM
1.0
50
mA
Typical Junction Capacitance (Note 2)
Cj
275
pF
Typical Thermal Resistance Junction to Case (Note 1)
RqJC
3.0
K/W
Operating and Storage Temperature Range
Tj, TSTG
-65 to +125
°C
·
Schottky Barrier Chip
·
Guard Ring Die Construction for
Transient Protection
·
Low Power Loss, High Efficiency
·
High Surge Capability
·
High Current Capability and Low Forward
Voltage Drop
·
Surge Overload Rating to 175A Peak
·
For Use in Low Voltage, High Frequency
Inverters, Free Wheeling, and Polarity
Protection Applications
·
Plastic Material: UL Flammability
Classification Rating 94V-0
Notes:
1. Thermal resistance: junction to case mounted on heat sink.
2. Measured at 1.0MHz and applied reverse voltage of 4.0V DC.


Similar Part No. - SBG1640CT

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
SBG1640CT ISC-SBG1640CT Datasheet
234Kb / 2P
Schottky Rectifier
logo
Diodes Incorporated
SBG1640CT-T-F DIODES-SBG1640CT-T-F Datasheet
349Kb / 3P
16A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
DS30090 Rev. 5 - 2
More results

Similar Description - SBG1640CT

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
SB1620CT WTE-SB1620CT Datasheet
39Kb / 3P
16A SCHOTTKY BARRIER RECTIFIER
SB1620DC WTE-SB1620DC Datasheet
44Kb / 3P
16A D2PAK SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
SB1630 WTE-SB1630 Datasheet
48Kb / 3P
16A SCHOTTKY BARRIER RECTIFIER
SB1630PT WTE-SB1630PT Datasheet
49Kb / 3P
16A SCHOTTKY BARRIER RECTIFIER
logo
Diodes Incorporated
SBL1630 DIODES-SBL1630 Datasheet
66Kb / 2P
16A SCHOTTKY BARRIER RECTIFIER
DS23045 Rev. C-2
SBG1630CT DIODES-SBG1630CT_1 Datasheet
349Kb / 3P
16A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
DS30090 Rev. 5 - 2
logo
Won-Top Electronics
SB1620DC WTE-SB1620DC_06 Datasheet
48Kb / 4P
16A SURFACE MOUNT DUAL SCHOTTKY BARRIER RECTIFIER
SB16150DC WTE-SB16150DC Datasheet
47Kb / 4P
16A HIGH VOLTAGE SURFACE MOUNT DUAL SCHOTTKY BARRIER RECTIFIER
SB16150DC WTE-SB16150DC_08 Datasheet
68Kb / 4P
16A HIGH VOLTAGE SURFACE MOUNT DUAL SCHOTTKY BARRIER RECTIFIER
logo
Diodes Incorporated
MBR1635 DIODES-MBR1635_15 Datasheet
160Kb / 4P
16A SCHOTTKY BARRIER RECTIFIER
Rev 9
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com