Electronic Components Datasheet Search
  English  ▼

X  

PB-5R0H104-R Datasheet(PDF) 1 Page - Cooper Bussmann, Inc.

Part # PB-5R0H104-R
Description  Supercapacitors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COOPER [Cooper Bussmann, Inc.]
Direct Link  http://www.cooperbussmann.com
Logo COOPER - Cooper Bussmann, Inc.

PB-5R0H104-R Datasheet(HTML) 1 Page - Cooper Bussmann, Inc.

  PB-5R0H104-R Datasheet HTML 1Page - Cooper Bussmann, Inc. PB-5R0H104-R Datasheet HTML 2Page - Cooper Bussmann, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Supercapacitors
PB Series
Pb
HALOGEN
HF
FREE
1211
BU-SB111358
Page 1 of 2
Data Sheet: 4393
Description
Cooper Bussmann PowerStor supercapacitors are unique, ultra-high
capacitance devices utilizing electrochemical double layer capacitor (EDLC)
construction combined with new, high performance materials. This
combination of advanced technologies allows Cooper Bussmann to offer a
wide variety of capacitor solutions tailored to specific applications that range
from a few micro-amps for several days to several amps for milliseconds.
Features & Benefits
Applications
• 5.0 Volts
• Bridge or hold-up power
• Low ESR
• Memory backup
• High capacitance
• Battery swap out
• Long cycle life
• Low leakage currents
• UL Recognized
Specifications
Working Voltage
5.0V
Surge Voltage
6.0V
Capacitance
0.1F to 1.0F
Capacitance Tolerance
-20% to +80% (20°C)
Operating Temperature Range
-25°C to 70°C
Performance
Capacitance Change
ESR
Parameter
(% of initial measured value)
(% of initial specified value)
Life (1000 hrs @ 70°C @ 5.0Vdc)
< 30 %
< 300 %
Storage - Low and High Temperature
(1000 hrs @ -25°C and 70°C)
< 30 %
< 300 %
Cylindrical Device
Standard Product
Nominal
Maximum ESR (
Ω)
Nominal Leakage
Capacitance
Part Numbers
(Equivalent Series Resistanc)
Current (
μA) After
Typical Mass
(F)
Vertical
Horizontal
Measured @ 100Hz
72 Hours @ 20°C
Nominal Dimensions (mm)
(grams/piece)
0.1
PB-5R0V104-R
PB-5R0H104-R
4.0
3
5.5 x 10.8 x 12.5
1.1
0.47
PB-5R0V474-R
PB-5R0H474-R
1.0
7
8.5 x 16.8 x 14.0
2.4
1.0
PB-5R0V105-R
PB-5R0H105-R
0.5
12
8.5 x 16.8 x 21.5
3.5


Similar Part No. - PB-5R0H104-R

ManufacturerPart #DatasheetDescription
logo
Cooper Bussmann, Inc.
PB-5R0H104-R COOPER-PB-5R0H104-R Datasheet
365Kb / 2P
5.0 volt cylindrical supercapacitors
logo
Eaton All Rights Reserv...
PB-5R0H104-R EATON-PB-5R0H104-R Datasheet
300Kb / 3P
Cylindrical pack
More results

Similar Description - PB-5R0H104-R

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
A0820-2R5474-R ETC2-A0820-2R5474-R Datasheet
178Kb / 2P
Supercapacitors
logo
Cooper Bussmann, Inc.
M0810-2R5105-R COOPER-M0810-2R5105-R Datasheet
253Kb / 2P
Supercapacitors
B0510-2R5224-R COOPER-B0510-2R5224-R Datasheet
250Kb / 2P
Supercapacitors
PHB-5R0V155-R COOPER-PHB-5R0V155-R Datasheet
239Kb / 2P
Supercapacitors
PA-5R0H474-R COOPER-PA-5R0H474-R Datasheet
245Kb / 2P
Supercapacitors
logo
List of Unclassifed Man...
PHV-5R4H155-R ETC2-PHV-5R4H155-R Datasheet
242Kb / 2P
Supercapacitors
logo
Cooper Bussmann, Inc.
A_SERIES COOPER-A_SERIES Datasheet
105Kb / 2P
Supercapacitors
PM-5R0V474-R COOPER-PM-5R0V474-R Datasheet
246Kb / 2P
Supercapacitors
PHV-5R4V474-R COOPER-PHV-5R4V474-R Datasheet
199Kb / 2P
Supercapacitors
logo
Kemet Corporation
FM-SERIES KEMET-FM-SERIES Datasheet
560Kb / 17P
Supercapacitors
12/16/2022
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com