Electronic Components Datasheet Search
  English  ▼

X  

PCF1206X Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # PCF1206X
Description  Precision Thin Film Nichrome Chip Resistors
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

PCF1206X Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  PCF1206X Datasheet HTML 1Page - List of Unclassifed Manufacturers PCF1206X Datasheet HTML 2Page - List of Unclassifed Manufacturers PCF1206X Datasheet HTML 3Page - List of Unclassifed Manufacturers PCF1206X Datasheet HTML 4Page - List of Unclassifed Manufacturers PCF1206X Datasheet HTML 5Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
Precision Thin Film
Nichrome Chip Resistors
PCF Series
www.bitechnologies.com www.irctt.com www.welwyn-tt.com
General Note
TT electronics reserves the right to make changes in product specification without notice or liability.
All information is subject to TT electronics’ own data and is considered accurate at time of going to print.
© TT electronics plc
1.14
Ordering Procedure
This product has two valid part numbers:
European (Welwyn) Part Number: PCF0603-11-1K54BI (0603, standard, 15ppm/°C, 1.54 kilohm ±0.1%, Pb-free)
P C F
0
6
0
3
-
1
1
-
1
K 5
4 B
I
1
2
3
4
5
6
7
USA (IRC) Part Number*: PCF-W0603LF-11-1541-B-P-LT (0603, standard, 15ppm/°C, 1.54 kilohm ±0.1%, Pb-free)
P C F
- W 0
6
0
3
L
F
-
1
1
-
1
5
4
1
-
B
-
P
-
L
T
1
2
3
4
5
6
7
8
* Applies only to Standard Range parts.
1
2
3
4
5
6
7
Type Size
Range
TCR
Value
Tolerance
Termination & Packing
PCF 0201
Omit for
Standard
-13 = ±5ppm/°C E24 = 3/4 characters
E96 = 3/4 characters
R = ohms
K = kilohms
M = megohms
L = ±0.01%
Pb-free only
0402
-12 = ±10ppm/°C
W = ±0.05%
I = Standard Packing
0603 H = High Power -11 = ±15ppm/°C
B = ±0.1%
0201, 0402 10,000/reel
0805
X = Extended
R = ±25ppm/°C
C = ±0.25% 0603 to 1210 5000/reel
1206 P = Passivated -02 = ±50ppm/°C
D = ±0.5%
2010, 2512
4000/reel
1210
F = ±1%
T1*
2010
0201 to 1206,
2010, 2512
1000/reel
2512
* Non-standard; enquire to confirm
availability
1
2
3
4
5
6
7
8
Type Model Termination
TCR
Value
Tolerance
Tape
Packing
PCF W0201 LF = Pb-free
(100%Sn)
13 = ±5ppm/°C 3 digits + multiplier T = ±0.01%
P = Paper
(0201 to 1210)
LT = Tape & Reel
W0402
12 = ±10ppm/°C
R = ohms for
values <100 ohms
A = ±0.05%
0201, 0402 10,000/reel
W0603
11 = ±15ppm/°C
B = ±0.1% E = Embossed
(2010, 2512)
0603 to 1210 5000/reel
W0805
03 = ±25ppm/°C
C = ±0.25%
2010, 2512
4000/reel
W1206
02 = ±50ppm/°C
D = ±0.5%
W1210
F = ±1%
W2010
W2512



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com