Electronic Components Datasheet Search
  English  ▼

X  

SBL3040CT Datasheet(PDF) 2 Page - Diodes Incorporated

Part # SBL3040CT
Description  30A SCHOTTKY BARRIER RECTIFIER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

SBL3040CT Datasheet(HTML) 2 Page - Diodes Incorporated

  SBL3040CT Datasheet HTML 1Page - Diodes Incorporated SBL3040CT Datasheet HTML 2Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
D
S30022 Rev. B-2
2 of 2
SBL3030CT-SBL3060CT
0
50
100
150
200
250
300
1
10
100
NUMBER OF CYCLES AT 60Hz
Fig. 3 Maximum Non-Repetitive Surge Current
8.3 ms single half-sine-wave
JEDEC method
10
100
1000
0.1
1.0
10
100
V , REVERSE VOLTAGE (V)
Fig.4 Typical Junction Capacitance
R
T = 25 C
f = 1.0MHz
j
°
0
6
12
24
30
18
0
50
100
T , CASE TEMPERATURE ( C)
Fig. 1 Forward Derating Curve
C
°
150
0.1
100
1.0
10
0.2
0.4
0.6
0.8
1.0
V , INSTANTANEOUS FORWARD VOLTAGE (V)
Fig.2 Typical Forward Characteristics
F
T = 25 C
j
°
I Pulse Width = 300 s
F
µ
SBL3030CT-SBL3045CT
SBL3050CT-SBL3060CT



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com