Electronic Components Datasheet Search
  English  ▼

X  

2SC5008 Datasheet(PDF) 6 Page - NEC

Part # 2SC5008
Description  NPN SILICON EPITAXIAL TRANSISTOR 3 PINS ULTRA SUPER MINI MOLD
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

2SC5008 Datasheet(HTML) 6 Page - NEC

Back Button 2SC5008 Datasheet HTML 2Page - NEC 2SC5008 Datasheet HTML 3Page - NEC 2SC5008 Datasheet HTML 4Page - NEC 2SC5008 Datasheet HTML 5Page - NEC 2SC5008 Datasheet HTML 6Page - NEC 2SC5008 Datasheet HTML 7Page - NEC 2SC5008 Datasheet HTML 8Page - NEC 2SC5008 Datasheet HTML 9Page - NEC 2SC5008 Datasheet HTML 10Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
2SC5008
6
S-PARAMETER
VCE = 3 V, IC = 5 mA, ZO = 50
Ω
FREQUENCY
S11
S21
S12
S22
MHz
MAG
ANG
MAG
ANG
MAG
ANG
MAG
ANG
100.00
.870
–13.9
9.067
158.8
.017
76.2
.964
–9.7
200.00
.809
–27.3
8.687
143.1
.031
65.8
.897
–17.8
300.00
.733
–40.3
8.368
129.3
.042
58.0
.814
–23.3
400.00
.661
–53.0
7.864
117.5
.052
51.2
.748
–27.0
500.00
.575
–66.1
7.479
106.3
.059
45.9
.687
–29.5
600.00
.510
–76.2
6.765
96.3
.066
41.4
.643
–31.2
700.00
.440
–87.2
6.297
86.6
.072
38.2
.604
–32.3
800.00
.387
–96.8
5.812
77.7
.078
34.7
.574
–33.3
900.00
.345
–106.1
5.365
69.7
.083
32.7
.547
–33.9
1000.00
.309
–114.9
4.964
62.4
.090
29.2
.527
–34.7
1100.00
.283
–123.3
4.616
55.4
.096
25.9
.509
–35.2
1200.00
.261
–131.9
4.298
49.0
.101
23.0
.493
–36.1
1300.00
.246
–139.7
4.032
42.4
.107
20.4
.481
–36.7
1400.00
.234
–147.4
3.784
36.7
.115
17.1
.471
–37.8
1500.00
.227
–154.7
3.568
30.8
.122
14.2
.460
–38.9
1600.00
.227
–161.3
3.385
25.0
.129
11.2
.450
–40.2
1700.00
.231
–168.9
3.230
19.1
.137
7.1
.438
–41.9
1800.00
.231
–176.7
3.069
13.5
.141
3.4
.425
–42.8
1900.00
.233
176.3
2.929
7.8
.148
.7
.413
–44.0
2000.00
.237
169.5
2.802
2.3
.153
–2.4
.405
–45.2
2100.00
.242
163.9
2.690
–3.0
.159
–6.1
.396
–46.5
2200.00
.247
159.4
2.583
–8.3
.166
–9.3
.387
–48.0
2300.00
.256
154.3
2.495
–13.6
.173
–12.8
.377
–49.5
2400.00
.264
150.1
2.404
–18.8
.179
–16.2
.367
–51.1
2500.00
.274
146.2
2.324
–23.9
.187
–19.3
.358
–52.7
2600.00
.282
142.3
2.251
–29.2
.194
–23.3
.348
–54.8
2700.00
.292
139.2
2.188
–34.3
.200
–26.9
.339
–56.8
2800.00
.303
135.9
2.117
–39.4
.207
–30.2
.328
–59.0
2900.00
.313
132.9
2.056
–44.5
.215
–34.1
.319
–60.9
3000.00
.325
130.0
2.003
–49.5
.223
–37.5
.309
–63.5
VCE = 3 V, IC = 3 mA, ZO = 50
Ω
FREQUENCY
S11
S21
S12
S22
MHz
MAG
ANG
MAG
ANG
MAG
ANG
MAG
ANG
100.00
.936
–10.5
5.612
163.6
.017
79.6
.981
–7.1
200.00
.892
–20.4
5.628
148.9
.034
69.7
.944
–14.0
300.00
.842
–30.5
5.602
136.8
.048
60.6
.887
–19.3
400.00
.785
–41.2
5.393
126.0
.060
53.2
.837
–23.7
500.00
.732
–50.8
5.328
116.2
.069
46.4
.782
–27.2
600.00
.681
–59.2
4.924
106.6
.077
40.6
.740
–29.9
700.00
.618
–68.7
4.767
97.2
.084
35.8
.698
–32.0
800.00
.564
–77.9
4.575
88.0
.090
31.0
.663
–33.9
900.00
.510
–86.9
4.365
79.4
.094
27.0
.627
–35.2
1000.00
.459
–96.0
4.191
70.9
.100
23.5
.599
–36.5
1100.00
.413
–104.8
3.991
62.9
.106
19.8
.577
–37.5
1200.00
.375
–113.0
3.790
55.7
.110
17.1
.558
–38.5
1300.00
.350
–120.8
3.588
48.7
.116
14.2
.542
–39.6
1400.00
.325
–128.3
3.410
42.0
.121
11.1
.525
–40.8
1500.00
.307
–135.8
3.234
35.7
.126
7.8
.513
–41.8
1600.00
.295
–142.9
3.086
29.5
.134
4.9
.499
–43.2
1700.00
.289
–150.9
2.960
23.3
.140
1.0
.486
–44.8
1800.00
.283
–158.6
2.830
17.0
.143
–2.7
.471
–46.0
1900.00
.276
–166.4
2.707
11.2
.148
–5.6
.457
–47.1
2000.00
.273
–174.1
2.597
5.4
.153
–8.5
.448
–48.4
2100.00
.273
179.6
2.504
–.3
.159
–11.6
.435
–49.8
2200.00
.275
174.0
2.405
–5.9
.164
–14.4
.428
–51.3
2300.00
.280
167.8
2.332
–11.5
.170
–17.9
.417
–52.7
2400.00
.284
162.6
2.248
–16.9
.176
–20.9
.406
–54.2
2500.00
.292
157.7
2.177
–22.2
.182
–23.8
.396
–55.9
2600.00
.298
152.8
2.109
–27.6
.187
–27.3
.386
–57.9
2700.00
.307
148.7
2.051
–32.9
.194
–30.7
.376
–59.9
2800.00
.316
144.7
1.988
–38.1
.200
–33.8
.366
–61.8
2900.00
.326
140.9
1.934
–43.4
.207
–37.3
.356
–64.0
3000.00
.337
137.3
1.885
–48.6
.214
–40.5
.346
–66.6



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com