Electronic Components Datasheet Search
  English  ▼

X  

SBL3030 Datasheet(PDF) 2 Page - Diodes Incorporated

Part # SBL3030
Description  30A SCHOTTKY BARRIER RECTIFIER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

SBL3030 Datasheet(HTML) 2 Page - Diodes Incorporated

  SBL3030 Datasheet HTML 1Page - Diodes Incorporated SBL3030 Datasheet HTML 2Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
D
S23018 Rev. E-2
2 of 2
SBL3030PT - SBL3060PT
0.1
1.0
10
100
0.2
0.4
0.6
0.8
V , INSTANTANEOUS FORWARD VOLTAGE (V)
Fig.2 Typical Fwd Characteristics per Element
F
SBL3030PT - SBL30450PT
SBL3050PT - SBL3060PT
T = 25°C
Pulse width = 300 µs
2% duty cycle
j
0
50
100
150
200
250
300
1
10
100
NUMBER OF CYCLES AT 60 Hz
Fig. 3 Max Non-Repetitive Peak Fwd Surge Current
8.3 ms single half-sine-wave
JEDEC method
100
1000
4000
0.1
1.0
10
100
V , REVERSE VOLTAGE (V)
Fig.4 Typical Junction Capacitance per Element
R
T = 25°C
f = 1MHz
j
0.01
0.1
1.0
10
100
040
80
PERCENT OF PEAK REVERSE VOLTAGE (%)
Fig.5 Typical Reverse Characteristics per Element
T = 100°C
C
T = 75°C
C
T = 25°C
C
120
0
6
12
24
30
18
0
50
100
T , CASE TEMPERATURE (°C)
Fig. 1 Forward Derating Curve
C
150



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com