Electronic Components Datasheet Search
  English  ▼

X  

UM4601 Datasheet(PDF) 3 Page - Union Semiconductor, Inc.

Part # UM4601
Description  Multi-line ESD/EMI Protection for Color LCD Interfaces
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UNIONSEMI [Union Semiconductor, Inc.]
Direct Link  http://www.union-ic.com
Logo UNIONSEMI - Union Semiconductor, Inc.

UM4601 Datasheet(HTML) 3 Page - Union Semiconductor, Inc.

  UM4601 Datasheet HTML 1Page - Union Semiconductor, Inc. UM4601 Datasheet HTML 2Page - Union Semiconductor, Inc. UM4601 Datasheet HTML 3Page - Union Semiconductor, Inc. UM4601 Datasheet HTML 4Page - Union Semiconductor, Inc. UM4601 Datasheet HTML 5Page - Union Semiconductor, Inc. UM4601 Datasheet HTML 6Page - Union Semiconductor, Inc. UM4601 Datasheet HTML 7Page - Union Semiconductor, Inc. UM4601 Datasheet HTML 8Page - Union Semiconductor, Inc. UM4601 Datasheet HTML 9Page - Union Semiconductor, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
________________________________________________________________________
http://www.union-ic.com
Rev.04 Jul.2012
3/11
UM4601/4611/8601/8611
Absolute Maximum Ratings
PARAMETER
SYMBOL
VALUE
UNIT
ESD per IEC 61000-4-2(Air)
ESD per IEC 61000-4-2(Contact)
VESD
+/- 20
+/- 15
kV
Junction Temperature
TJ
125
°C
Operating Temperature Range
TOP
-40 to 85
°C
Storage Temperature Range
TSTG
-55 to 150
°C
Electrical Characteristics
( TJ =25 ℃ unless otherwise noted)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNIT
TVS Reverse Stand-Off
Voltage
VRWM
5
V
TVS Reverse
Breakdown Voltage
VBR
It = 1mA
6
8
10
V
TVS Reverse Leakage
Current
IR
VRWM = 3.3V
0.1
μA
DC Resistance
Rcc
10
Ω
Roll-off frequency at
-6dB Attenuation
fR
Zsource = Zload = 50Ω
350
MHZ
Filter Cut-Off Frequency
fc
Zsource = Zload = 50Ω
150
MHZ
Inductance
L
17
nH
Capacitance
Cd
VR =2.5V,f=1MHZ
15
pF
Total Capacitance
Ctotal
Input to Gnd,
Each Line
VR =2.5V,f=1MHZ
24
30
36
pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com