Electronic Components Datasheet Search
  English  ▼

X  

UM4611 Datasheet(PDF) 8 Page - Union Semiconductor, Inc.

Part # UM4611
Description  Multi-line ESD/EMI Protection for Color LCD Interfaces
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UNIONSEMI [Union Semiconductor, Inc.]
Direct Link  http://www.union-ic.com
Logo UNIONSEMI - Union Semiconductor, Inc.

UM4611 Datasheet(HTML) 8 Page - Union Semiconductor, Inc.

Back Button UM4611 Datasheet HTML 3Page - Union Semiconductor, Inc. UM4611 Datasheet HTML 4Page - Union Semiconductor, Inc. UM4611 Datasheet HTML 5Page - Union Semiconductor, Inc. UM4611 Datasheet HTML 6Page - Union Semiconductor, Inc. UM4611 Datasheet HTML 7Page - Union Semiconductor, Inc. UM4611 Datasheet HTML 8Page - Union Semiconductor, Inc. UM4611 Datasheet HTML 9Page - Union Semiconductor, Inc. UM4611 Datasheet HTML 10Page - Union Semiconductor, Inc. UM4611 Datasheet HTML 11Page - Union Semiconductor, Inc.  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
________________________________________________________________________
http://www.union-ic.com
Rev.04 Jul.2012
8/11
UM4601/4611/8601/8611
UM4611: DFN8 1.7×1.3
Outline Drawing
DIMENSIONS
MILLIMETERS
Symbol
Min
Typ
Max
D
1.624
1.70
1.776
E
1.25
1.30
1.426
D2
1.10
1.40
1.70
E2
0.20
0.30
0.50
A
0.47
0.55
0.60
A1
0
0.02
0.05
A3
-
0.15
-
b
0.13
0.20
0.25
L
0.15
0.25
0.35
e
-
0.40
-
Land Pattern
NOTES:
1. Compound dimension: 1.7×1.3;
2. Unit: mm;
3.General tolerance ±0.05mm unless otherwise
specified;
4. The layout is just for reference.
Tape and Reel Orientation



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com