Electronic Components Datasheet Search
  English  ▼

X  

SDM40E20LS Datasheet(PDF) 1 Page - Diodes Incorporated

Part # SDM40E20LS
Description  DUAL SURFACE MOUNT SCHOTTKY BARRIER DIODE
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

SDM40E20LS Datasheet(HTML) 1 Page - Diodes Incorporated

  SDM40E20LS Datasheet HTML 1Page - Diodes Incorporated SDM40E20LS Datasheet HTML 2Page - Diodes Incorporated SDM40E20LS Datasheet HTML 3Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
DS30298 Rev. 2 - 2
1 of 3
SDM40E20LS
SDM40E20LS
DUAL SURFACE MOUNT SCHOTTKY BARRIER DIODE
Features
Single phase, half wave, 60Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
Maximum Ratings @ TA = 25°C unless otherwise specified
Characteristic
Symbol
SDM40E20LS
Unit
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
VRRM
VRWM
VR
20
V
RMS Reverse Voltage
VR(RMS)
14
V
Forward Continuous Current (Note 1)
IFM
0.4
A
Non-Repetitive Peak Forward Surge Current
8.3ms single half sine-wave superimposed on rated load
(JEDEC Method)
IFSM
2A
Power Dissipation (Note 1)
Pd
225
mW
Typical Thermal Resistance Junction to Ambient (Note 1)
RqJA
444
°C/W
Power Dissipation (Note 2)
Pd
300
mW
Typical Thermal Resistance Junction to Ambient (Note 2)
RqJA
333
°C/W
Operating and Storage Temperature Range
Tj, TSTG
-55 to +125
°C
A
E
J
L
TOP VIEW
M
B
C
H
G
D
K
·
Very Low Forward Voltage Drop
·
Guard Ring Construction for
Transient Protection
·
High Conductance
·
Case: SOT-23, Plastic
·
Case material - UL Flammability Rating
Classification 94V-0
·
Moisture sensitivity: Level 1 per J-STD-020A
·
Polarity: See Diagram
·
Leads: Solderable per MIL-STD-202,
Method 208
·
Marking: Date Code and Type Code
·
Type Code: KSW
Weight: 0.004 grams (approx.)
·
Ordering Information: See Page 3
Mechanical Data
Electrical Characteristics @ TA = 25°C unless otherwise specified
Characteristic
Symbol
Min
Typ
Max
Unit
Test Conditions
Reverse Breakdown Voltage (Note 3)
V(BR)R
20
¾¾
V
IR = 0.5mA
Forward Voltage Drop (Note 3)
VF
¾
¾
¾
¾
0.310
0.430
V
IF = 0.1A
IF = 0.5A
Leakage Current (Note 3)
IR
¾
¾
¾
¾
100
250
mA
VR = 10V
VR = 20V
Total Capacitance
CT
¾
170
¾
pF
f = 1MHz, Vr = 0VDC
Notes:
1. Device mounted on FR-5 1.0 x 0.75 x 0.062 inch PCB pad layout as shown on Diodes Inc. suggested pad layout AP02001,
which can be found on our website at http://www.diodes.com/datasheets/ap02001.pdf.
2. Device mounted on Alumina PCB, 0.4 inch x 0.3 inch x 0.024 inch; pad layout as shown on Diodes Inc. suggested pad layout
document AP02001, which can be found on our website at http://www.diodes.com/datasheets/ap02001.pdf.
3. Short duration test pulse used to minimize self-heating effect.
SOT-23
Dim
Min
Max
A
0.37
0.51
B
1.20
1.40
C
2.30
2.50
D
0.89
1.03
E
0.45
0.60
G
1.78
2.05
H
2.80
3.00
J
0.013
0.10
K
0.903
1.10
L
0.45
0.61
M
0.85
0.80
a
0
°
8
°
All Dimensions in mm


Similar Part No. - SDM40E20LS

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
SDM40E20LS DIODES-SDM40E20LS Datasheet
100Kb / 3P
DUAL SURFACE MOUNT SCHOTTKY BARRIER DIODE
DS30298 Rev. 8 - 2
logo
SUNMATE electronic Co.,...
SDM40E20LS SUNMATE-SDM40E20LS Datasheet
288Kb / 2P
DUAL SURFACE MOUNT SCHOOYKY BARRIER DIODE
logo
Diodes Incorporated
SDM40E20LS DIODES-SDM40E20LS Datasheet
123Kb / 3P
DUAL SURFACE MOUNT SCHOTTKY BARRIER DIODE
June 2008
SDM40E20LS-7 DIODES-SDM40E20LS-7 Datasheet
100Kb / 3P
DUAL SURFACE MOUNT SCHOTTKY BARRIER DIODE
DS30298 Rev. 8 - 2
SDM40E20LS-7-F DIODES-SDM40E20LS-7-F Datasheet
123Kb / 3P
DUAL SURFACE MOUNT SCHOTTKY BARRIER DIODE
Rev. 11 - 2 June 2008
More results

Similar Description - SDM40E20LS

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
BAT54DW DIODES-BAT54DW Datasheet
44Kb / 2P
DUAL SURFACE MOUNT SCHOTTKY BARRIER DIODE
DS30107 Rev. 3 - 2
SDM20E40C DIODES-SDM20E40C Datasheet
56Kb / 2P
DUAL SURFACE MOUNT SCHOTTKY BARRIER DIODE
DS30276 Rev. B-2
BAT54DW DIODES-BAT54DW_1 Datasheet
364Kb / 3P
DUAL SURFACE MOUNT SCHOTTKY BARRIER DIODE
DS30107 Rev. 8 - 2
SDM20E40C DIODES-SDM20E40C_1 Datasheet
76Kb / 3P
DUAL SURFACE MOUNT SCHOTTKY BARRIER DIODE
DS30276 Rev. 6 - 2
BAT54DW DIODES-BAT54DW_08 Datasheet
122Kb / 3P
DUAL SURFACE MOUNT SCHOTTKY BARRIER DIODE
DS30107 Rev. 11 - 2
SDM40E20L DIODES-SDM40E20L_08 Datasheet
123Kb / 3P
DUAL SURFACE MOUNT SCHOTTKY BARRIER DIODE
Rev. 11 - 2 June 2008
BAS40V DIODES-BAS40V_08 Datasheet
122Kb / 3P
DUAL SURFACE MOUNT SCHOTTKY BARRIER DIODE
DS30561 Rev. 4 - 2
SDM20E40C DIODES-SDM20E40C_15 Datasheet
91Kb / 4P
DUAL SURFACE MOUNT SCHOTTKY BARRIER DIODE
Rev 9
BAS40V DIODES-BAS40V_15 Datasheet
259Kb / 5P
DUAL SURFACE MOUNT SCHOTTKY BARRIER DIODE
Rev 8
SDM20N40A DIODES-SDM20N40A_15 Datasheet
80Kb / 3P
DUAL SURFACE MOUNT SCHOTTKY BARRIER DIODE
Rev erse
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com