Electronic Components Datasheet Search
  English  ▼

X  

SK36 Datasheet(PDF) 1 Page - Diodes Incorporated

Part # SK36
Description  SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

SK36 Datasheet(HTML) 1 Page - Diodes Incorporated

  SK36 Datasheet HTML 1Page - Diodes Incorporated SK36 Datasheet HTML 2Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
D
S13006 Rev. D-2
1 of 2
SK32-SK36
SK32 - SK36
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
Features
Maximum Ratings and Electrical Characteristics
Characteristic
Symbol
SK32
SK33
SK34
SK35
SK36
Unit
Maximum Recurrent Peak Reverse Voltage
VRRM
20
30
40
50
60
V
Maximum RMS Voltage
VRMS
14
21
28
35
42
V
Maximum DC Blocking Voltage
VDC
20
30
40
50
60
V
Maximum Average Forward Rectified Current
(See Fig. 1)
I(AV)
3.0
A
Peak Forward Surge Current 8.3 ms single half sine-wave
superimposed on rated load (JEDEC Method)
IFSM
100
A
Maximum Instantaneous Forward Voltage at 3.0A
(See Note 1)
VF
0.50
0.75
V
Maximum DC Reverse Current at Rated @ TA =25
°C
DC Blocking Voltage (See Nore 1)
@ TA = 100
°C
IR
0.5
20
mA
Maximum Thermal Resistance (See Note 2)
RQJL
RQJA
10
60
°C/W
Typical Junction Capacitance (See Note 3)
CJ
300
pF
Operating and Storage Temperature Range
TJ,TSTG
-65 to +150
°C
Notes:
1. Pulse Test Pulse Width 300
mS, Duty Cycle 2%
2. 8.0mm2 (0.13mm thick) land pads
3. Measured at 1.0MHz and applied reverse voltage of 4.0V.
A
B
C
D
G
H
E
J
Ratings at 25
°C ambient temperature unless otherwise specified.
Single phase, half wave, 60Hz resistive or inductive load.
·
For Surface Mounted Applications
·
High Temperature Metallurgically Bonded Contacts
·
Capable of Meeting Environmental Standards of
MIL-STD-19500
·
Plastic Material - UL Flammability
Classification 94V-0
·
High Reliability
·
High Current Capability and Low VF
·
Submersible Temperature of 265
°C for
10 Seconds in Solder Bath
Mechanical Data
·
Case: SMC, Molded Plastic
·
Terminals: Solderable per MIL-STD-202,
Method 208
·
Polarity: Cathode Band
·
Approx. Weight: 0.21 grams
·
Mounting Position: Any
SMC
Dim
Min
Max
A
5.40
6.22
B
6.10
7.11
C
2.92
3.18
D
0.15
0.40
E
7.55
8.13
G
0.10
0.21
H
0.76
1.52
J
2.00
2.62
All Dimensions in mm


Similar Part No. - SK36

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
SK36 PANJIT-SK36 Datasheet
61Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER(VOLTAGE - 20 to 100 Volts CURRENT - 3.0 Amperes)
logo
Surge Components
SK36 SURGE-SK36 Datasheet
80Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER VOLTAGE - 20 to 100 Volts CURRENT - 3.0 Amperes???
logo
Transys Electronics
SK36 TRSYS-SK36 Datasheet
172Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Dc Components
SK36 DCCOM-SK36 Datasheet
431Kb / 2P
TECHNICAL SPECIFICATIONS OF SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
GOOD-ARK Electronics
SK36 GOOD-ARK-SK36 Datasheet
185Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
More results

Similar Description - SK36

ManufacturerPart #DatasheetDescription
logo
General Semiconductor
SS22 GE-SS22 Datasheet
85Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
GOOD-ARK Electronics
SK22 GOOD-ARK-SK22 Datasheet
182Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Comchip Technology
CDBV120 COMCHIP-CDBV120 Datasheet
217Kb / 2P
Surface Mount Schottky Barrier Rectifier
logo
SeCoS Halbleitertechnol...
SCS402D SECOS-SCS402D Datasheet
324Kb / 2P
Surface Mount Schottky Barrier Rectifier
logo
Shenzhen Taychipst Elec...
S510B TAYCHIPST-S510B Datasheet
8Mb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
SR502 TAYCHIPST-SR502 Datasheet
9Mb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Pan Jit International I...
MB18F PANJIT-MB18F Datasheet
237Kb / 5P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Zowie Technology Corpor...
SC32 ZOWIE-SC32 Datasheet
135Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Rectron Semiconductor
2SS20L RECTRON-2SS20L_09 Datasheet
370Kb / 6P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Microdiode Semiconducto...
SK102 CHENDA-SK102 Datasheet
155Kb / 3P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com