Electronic Components Datasheet Search
  English  ▼

X  

RJSSE-5380 Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # RJSSE-5380
Description  RJHSE Series RJ45
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

RJSSE-5380 Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

  RJSSE-5380 Datasheet HTML 1Page - List of Unclassifed Manufacturers RJSSE-5380 Datasheet HTML 2Page - List of Unclassifed Manufacturers RJSSE-5380 Datasheet HTML 3Page - List of Unclassifed Manufacturers RJSSE-5380 Datasheet HTML 4Page - List of Unclassifed Manufacturers RJSSE-5380 Datasheet HTML 5Page - List of Unclassifed Manufacturers RJSSE-5380 Datasheet HTML 6Page - List of Unclassifed Manufacturers RJSSE-5380 Datasheet HTML 7Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
Amphenol InfoCom Europe | www.amphenolinfocom.eu | info@amphenol-nl.com | Specifications subject to change
Amphenol InfoCom Europe | www.amphenolinfocom.eu | info@amphenol-nl.com | Specifications subject to change
65
Specifications:
Mating Cycles: 5000 mated/Unmated
Insulator Resistance: 500 MΩ Min at 500V DC
Dielectric Withstanding Voltage: 1000V AC for 1 minute
Operating Temperature: -0°c to +70°c
Storage Temperature: -40°c to +105°c
Soldering Temperature: -235°c for 5 seconds
Materials:
RJ Contact: Phosphor Bronze C5210, T=0.25mm
Housing: Thermoplastic, UL94V-0 black
Shielding: Brass, Nickel plated or Stainless Steel
RJMag SiNglE PoRt gigabit
Long body, PTH, CabLe LaTCH uP, 8 & 12 Cores
Part Numbers:
Part number
termination
Cores
lED 1 right
lED 2 left
RJMG201021110NR
4x75ohm, 1000pf
8
Green
Green
RJMG201021210NR
Green
Yellow
RJMG201021610NR
Green
Green/ Orange
RJMG201022610NR
Yellow
Green/ Orange
RJMG201021120NR
12
Green
Green



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com