Electronic Components Datasheet Search
  English  ▼

X  

SMCJ50CA Datasheet(PDF) 2 Page - Diodes Incorporated

Part # SMCJ50CA
Description  1500W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

SMCJ50CA Datasheet(HTML) 2 Page - Diodes Incorporated

  SMCJ50CA Datasheet HTML 1Page - Diodes Incorporated SMCJ50CA Datasheet HTML 2Page - Diodes Incorporated SMCJ50CA Datasheet HTML 3Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
DS19003 Rev. 11 - 2
2 of 3
SMCJ5.0(C)A - SMCJ170(C)A
Part Number
Add C For
Bi-Directional
(Note 4)
Reverse
Standoff
Voltage
Breakdown
Voltage
VBR @ IT (Note 5)
Test
Current
Max. Reverse
Leakage @
VRWM(Note 6)
Max. Clamping
Voltage @ Ipp
Max. Peak Pulse
Current
Ipp
Marking Code
VRWM (V)
Min (V)
Max (V)
IT(mA)
IR (mA)
VC (V)
(A)
BI-
UNI-
SMCJ5.0(C)A
5.0
6.40
7.25
10
1000
9.2
163.0
BDE
GDE
SMCJ6.0(C)A
6.0
6.67
7.67
10
1000
10.3
145.6
BDG
GDG
SMCJ6.5(C)A
6.5
7.22
8.30
10
500
11.2
133.9
BDK
GDK
SMCJ7.0(C)A
7.0
7.78
8.95
10
200
12.0
125.0
BDM
GDM
SMCJ7.5(C)A
7.5
8.33
9.58
1.0
100
12.9
116.3
BDP
GDP
SMCJ8.0(C)A
8.0
8.89
10.23
1.0
50
13.6
110.3
BDR
GDR
SMCJ8.5(C)A
8.5
9.44
10.82
1.0
20
14.4
104.2
BDT
GDT
SMCJ9.0(C)A
9.0
10.00
11.50
1.0
10
15.4
97.4
BDV
GDV
SMCJ10(C)A
10.0
11.10
12.80
1.0
5.0
17.0
88.2
BDX
GDX
SMCJ11(C)A
11.0
12.20
14.40
1.0
5.0
18.2
82.4
BDZ
GDZ
SMCJ12(C)A
12.0
13.30
15.30
1.0
5.0
19.9
75.3
BEE
GEE
SMCJ13(C)A
13.0
14.40
16.50
1.0
5.0
21.5
69.7
BEG
GEG
SMCJ14(C)A
14.0
15.60
17.90
1.0
5.0
23.2
64.7
BEK
GEK
SMCJ15(C)A
15.0
16.70
19.20
1.0
5.0
24.4
61.5
BEM
GEM
SMCJ16(C)A
16.0
17.80
20.50
1.0
5.0
26.0
57.7
BEP
GEP
SMCJ17(C)A
17.0
18.90
21.70
1.0
5.0
27.6
53.3
BER
GER
SMCJ18(C)A
18.0
20.00
23.30
1.0
5.0
29.2
51.4
BET
GET
SMCJ20(C)A
20.0
22.20
25.50
1.0
5.0
32.4
46.3
BEV
GEV
SMCJ22(C)A
22.0
24.40
28.00
1.0
5.0
35.5
42.2
BEX
GEX
SMCJ24(C)A
24.0
26.70
30.70
1.0
5.0
38.9
38.6
BEZ
GEZ
SMCJ26(C)A
26.0
28.90
33.20
1.0
5.0
42.1
35.6
BFE
GFE
SMCJ28(C)A
28.0
31.10
35.80
1.0
5.0
45.4
33.0
BFG
GFG
SMCJ30(C)A
30.0
33.30
38.30
1.0
5.0
48.4
31.0
BFK
GFK
SMCJ33(C)A
33.0
36.70
42.20
1.0
5.0
53.3
28.1
BFM
GFM
SMCJ36(C)A
36.0
40.00
46.00
1.0
5.0
58.1
25.8
BFP
GFP
SMCJ40(C)A
40.0
44.40
51.10
1.0
5.0
64.5
23.2
BFR
GFR
SMCJ43(C)A
43.0
47.80
54.90
1.0
5.0
69.4
21.6
BFT
GFT
SMCJ45(C)A
45.0
50.00
57.50
1.0
5.0
72.7
20.6
BFV
GFV
SMCJ48(C)A
48.0
53.30
61.30
1.0
5.0
77.4
19.4
BFX
GFX
SMCJ51(C)A
51.0
56.70
65.20
1.0
5.0
82.4
18.2
BFZ
GFZ
SMCJ54(C)A
54.0
60.00
69.00
1.0
5.0
87.1
17.2
BGE
GGE
SMCJ58(C)A
58.0
64.40
74.60
1.0
5.0
93.6
16.0
BGG
GGG
SMCJ60(C)A
60.0
66.70
76.70
1.0
5.0
96.8
15.5
BGK
GGK
SMCJ64(C)A
64.0
71.10
81.80
1.0
5.0
103.0
14.6
BGM
GGM
SMCJ70(C)A
70.0
77.80
89.50
1.0
5.0
113.0
13.3
BGP
GGP
SMCJ75(C)A
75.0
83.30
95.80
1.0
5.0
121.0
12.4
BGR
GGR
SMCJ78(C)A
78.0
86.70
99.70
1.0
5.0
126.0
11.4
BGT
GGT
SMCJ85(C)A
85.0
94.40
108.20
1.0
5.0
137.0
10.4
BGV
GGV
SMCJ90(C)A
90.0
100.00
115.50
1.0
5.0
146.0
10.3
BGX
GGX
SMCJ100(C)A
100.0
111.00
128.00
1.0
5.0
162.0
9.3
BGZ
GGZ
SMCJ110(C)A
110.0
122.00
140.50
1.0
5.0
177.0
8.4
BHE
GHE
SMCJ120(C)A
120.0
133.00
153.00
1.0
5.0
193.0
7.9
BHG
GHG
SMCJ130(C)A
130.0
144.00
165.50
1.0
5.0
209.0
7.2
BHK
GHK
SMCJ150(C)A
150.0
167.00
192.50
1.0
5.0
243. 0
6.2
BHM
GHM
SMCJ160(C)A
160.0
178.00
205.00
1.0
5.0
259. 0
5.8
BHP
GHP
SMCJ170(C)A
170.0
189.00
217.50
1.0
5.0
275.0
5.5
BHR
GHR
Notes:
4. Suffix C denotes Bi-directional device.
5. VBR measured with IT current pulse = 300ms
6. For Bi-Directional devices havingVRWM of 10V and under, the IR is doubled.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com