Electronic Components Datasheet Search
  English  ▼

X  

SR103 Datasheet(PDF) 1 Page - Diodes Incorporated

Part # SR103
Description  HIGH CURRENT SCHOTTKY BARRIER RECTIFIER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

SR103 Datasheet(HTML) 1 Page - Diodes Incorporated

  SR103 Datasheet HTML 1Page - Diodes Incorporated SR103 Datasheet HTML 2Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
DS23002 Rev. 5 - 3
1 of 2
SR102-SR106
·
High Current Capability and Low Forward Drop
·
High Surge Capacity
·
Guard Ring for Transient Protection
·
Low Power Loss, High Efficiency
Mechanical Data
·
Case: DO-41, Molded Plastic
·
Plastic Material: UL Flammability
Classification Rating 94V-0
·
Moisture sensitivity: Level 1 per J-STD-020A
·
Terminals: Axial lead, Solderable per
MIL-STD-202, Method 208
·
Polarity: Cathode band
·
Weight: 0.35 grams (approx.)
Notes:
1. Thermal Resistance from Junction to Ambient with Vertical PC Board Mounting, 1.27mm Lead Length.
2. Measured at 1.0MHz and applied reverse voltage of 4.0V.
A
A
B
C
D
Features
SR102 - SR106
HIGH CURRENT SCHOTTKY BARRIER RECTIFIER
Characteristic
Symbol
SR102
SR103
SR104
SR105
SR106
Unit
Maximum Recurrent Peak Reverse Voltage
VRRM
20
30
40
50
60
V
Maximum RMS Voltage
VRSM
14
21
28
35
42
V
Maximum DC Blocking Voltage
VDC
20
30
40
50
60
V
Maximum Average Forward Rectified
Current @ Lead Temperature (TL)
@ TL = 75°C
measured 9.5mm lead length
@ TL = 100°C
I(AV)
1.0
¾
¾
1.0
A
Peak Forward Surge Current 8.3ms half sine-wave
superimposed on rated load (JEDEC Method)
IFSM
25
A
Maximum Forward Voltage
@ 1.0A
VF
0.55
0.60
0.70
V
Maximum Average Reverse Current at
@ TA = 25°C
Peak Reverse Voltage
@ TA = 100°C
IR
IR
1.0
10
mA
Typical Thermal Resistance (Note 1)
RqJL
15
K/W
Typical Total Capacitance (Note 2)
CT
110
80
pF
Storage and Operating Temperature Range
TJ, TSTG
-65 to +150
°
C
DO-41
Dim
Min
Max
A
25.4
¾
B
4.1
5.2
C
0.71
0.86
D
2.0
2.7
All Dimensions in mm
Maximum Ratings and Electrical Characteristics @ TA = 25°C unless otherwise specified
Single phase, half wave, 60Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
NOT RECOMMENDED FOR NEW DESIGN,
USE SB1X0 SERIES


Similar Part No. - SR103

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
SR103 MOSPEC-SR103 Datasheet
223Kb / 3P
SCHOTTKY BARRIER RECTIFIERS(1.0A,20-60V)
logo
Jinan Gude Electronic D...
SR103 JGD-SR103 Datasheet
143Kb / 2P
1.0 AMP. SCHOTTKY BARRIER RECTIFIERS
logo
Taiwan Semiconductor Co...
SR103 TSC-SR103 Datasheet
64Kb / 2P
1.0 AMP. Schottky Barrier Rectifiers
SR103 TSC-SR103 Datasheet
250Kb / 2P
1.0 AMP. Schottky Barrier Rectifiers
logo
DAESAN ELECTRONIC CORP.
SR103 DAESAN-SR103 Datasheet
356Kb / 2P
CURRENT 1.0Ampere VOLTAGE 20 to 100 Volts
More results

Similar Description - SR103

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
SD930 DIODES-SD930 Datasheet
63Kb / 3P
HIGH CURRENT SCHOTTKY BARRIER RECTIFIER
DS23026 Rev. C-2
SR302 DIODES-SR302 Datasheet
65Kb / 2P
HIGH CURRENT SCHOTTKY BARRIER RECTIFIER
DS23025 Rev. 5 - 3
SR502 DIODES-SR502 Datasheet
64Kb / 2P
HIGH CURRENT SCHOTTKY BARRIER RECTIFIER
DS23005 Rev. E-3
SD930 DIODES-SD930_1 Datasheet
87Kb / 3P
HIGH CURRENT SCHOTTKY BARRIER RECTIFIER
DS23026 Rev. 4 - 2
SD930 DIODES-SD930_08 Datasheet
105Kb / 3P
HIGH CURRENT SCHOTTKY BARRIER RECTIFIER
DS23026 Rev. 5 - 2
SR306-T DIODES-SR306-T Datasheet
65Kb / 2P
HIGH CURRENT SCHOTTKY BARRIER RECTIFIER
Rev erse
SR104-T DIODES-SR104-T Datasheet
48Kb / 2P
HIGH CURRENT SCHOTTKY BARRIER RECTIFIER
Rev erse
logo
New Jersey Semi-Conduct...
SR102 NJSEMI-SR102 Datasheet
218Kb / 2P
HIGH CURRENT SCHOTTKY BARRIER RECTIFIER
SR302 NJSEMI-SR302 Datasheet
210Kb / 2P
HIGH CURRENT SCHOTTKY BARRIER RECTIFIER
SR502 NJSEMI-SR502 Datasheet
212Kb / 2P
HIGH CURRENT SCHOTTKY BARRIER RECTIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com