Electronic Components Datasheet Search
  English  ▼

X  

P0080EC Datasheet(PDF) 5 Page - Socay Electornics Co., Ltd.

Part # P0080EC
Description  Thyristor Surge Suppressors (TSS)
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SOCAY [Socay Electornics Co., Ltd.]
Direct Link  http://www.socay.com
Logo SOCAY - Socay Electornics Co., Ltd.

P0080EC Datasheet(HTML) 5 Page - Socay Electornics Co., Ltd.

  P0080EC Datasheet HTML 1Page - Socay Electornics Co., Ltd. P0080EC Datasheet HTML 2Page - Socay Electornics Co., Ltd. P0080EC Datasheet HTML 3Page - Socay Electornics Co., Ltd. P0080EC Datasheet HTML 4Page - Socay Electornics Co., Ltd. P0080EC Datasheet HTML 5Page - Socay Electornics Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
Thyristor Surge Suppressors (TSS)
Revision September 25, 2013
5 / 5
@SOCAY Electronics Co., Ltd. 2013
Specifications are subject to change without notice.
Please refer to www.socay.com for current information.
P0080EC - P5000EC Series - TO-92
@10/700
μS, 6KV
SOCAY Electronics Co., Ltd.
www.socay.com
Inches
Millimeters
Dimensions
Min
Max
Min
Max
A
0.176
0.196
4.47
4.98
B
0.500
12.70
D
0.095
0.105
2.41
2.67
E
0.150
3.81
G
0.135
0.145
3.43
3.68
H
0.088
0.096
2.23
2.44
J
0.176
0.186
4.47
4.73
K
0.088
0.096
2.23
2.44
L
0.013
0.019
0.33
0.48
M
0.013
0.017
0.33
0.43
N
0.060
1.52
The TO-92 is designed to meet mechanical standards as set forth in
JEDEC publication number 95.
All
leads
are
insulated
from
case.
Case
is
electrically
non-conductive. (Rated at 1600 V(AC) RMS for one minute from leads
to case over the operating temperature range.)
Mold
flash shall not exceed 0.13 mm per side.
Part Number
Description
Quantity
Pxxx0EC
TO-92 Bulk Pack
1000
Part Numbering
Part Marking
MT1/PIN1
MT2/PIN3
Dimensions
TO-92
Packaging
Date code
Part Marking Code
(Refer to Electrical Characteristics Table)
PXXXXE
C



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com