Electronic Components Datasheet Search
  English  ▼

X  

SR305 Datasheet(PDF) 2 Page - Diodes Incorporated

Part # SR305
Description  HIGH CURRENT SCHOTTKY BARRIER RECTIFIER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

SR305 Datasheet(HTML) 2 Page - Diodes Incorporated

  SR305 Datasheet HTML 1Page - Diodes Incorporated SR305 Datasheet HTML 2Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
DS23025 Rev. 5 - 3
2 of 2
SR302-SR306
0
1.0
2.0
3.0
Single Phase Half Wave
60Hz Resistive or Inductive Load
4.0
20
40
60
80
100
120 140
T , LEAD TEMPERATURE (°C)
Fig. 1, Forward Current Derating Curve
L
SR302
SR303
SR304
SR305
SR306
0
20
40
60
80
100
1
10
100
NUMBER OF CYCLES AT 60 Hz
Fig. 4, Max Non-Repetitive Peak Fwd Surge Current
8.3ms Single Half Sine-Wave
JEDEC Method
10
100
1000
0.1
1.0
10
100
V , REVERSE VOLTAGE (VOLTS)
Fig. 3, Typical Total Capacitance
R
T = 25°C
J
0.1
1.0
10
40
0.1
0.5
0.7
0.9
1.1
0.3
V INSTANTANEOUS FWD VOLTAGE (V)
Fig.2, Typical Forward Characteristics
F,
TJ = 25°C
Pulse Width = 300µs
2% Duty Cycle
SR302
SR303
SR304
SR305
SR306
NOT RECOMMENDED FOR
NEW DESIGNS, USE SB3X0 SERIES



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com