Electronic Components Datasheet Search
  English  ▼

X  

EM6401M Datasheet(PDF) 2 Page - Socay Electornics Co., Ltd.

Part # EM6401M
Description  6-Channel EMI Filter with Integrated ESD Protection
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SOCAY [Socay Electornics Co., Ltd.]
Direct Link  http://www.socay.com
Logo SOCAY - Socay Electornics Co., Ltd.

EM6401M Datasheet(HTML) 2 Page - Socay Electornics Co., Ltd.

  EM6401M Datasheet HTML 1Page - Socay Electornics Co., Ltd. EM6401M Datasheet HTML 2Page - Socay Electornics Co., Ltd. EM6401M Datasheet HTML 3Page - Socay Electornics Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
6-Channel EMI Filter with Integrated ESD Protection
Revision February 21, 2014
2 / 3
@ SOCAY Electronics Co., Ltd. 2014
Specifications are subject to change without notice.
Please refer to www.socay.com for current information.
EM6401M
SOCAY Electronics Co., Ltd.
www.socay.com
Part Number
Device
Marking
VRWM
(V)
(Max.)
VB
(V)
(Min.)
IR
(
μA)
(Max.)
R
(
Ω)
(Typ.)
F3dB
(MHz)
(Typ.)
F6dB
(MHz)
(Typ.)
CTDIODE
@2.5V
(pF)
(Typ.)
CTLINE
@2.5V
(pF)
(Typ.)
EM6401M
M6A
5
6.0
1.0
100
105
170
17
34
Fig1.
Power Derating Curve
Fig2.
ESD Clamping (8KV Contact per IEC61000-4-2)
Fig3.
Fig4.
Electrical Characteristics (@ 25℃ Unless Otherwise Specified )
Characteristic Curves
0
20
40
60
80 100 120 140 160 180 200
100
40
30
20
10
0
90
80
60
50
Ambient Temperature
– T
A (ºC)
70



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com