Electronic Components Datasheet Search
  English  ▼

X  

EM2374K Datasheet(PDF) 1 Page - Socay Electornics Co., Ltd.

Part # EM2374K
Description  4-Channel EMI Filter with Integrated ESD Protection
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SOCAY [Socay Electornics Co., Ltd.]
Direct Link  http://www.socay.com
Logo SOCAY - Socay Electornics Co., Ltd.

EM2374K Datasheet(HTML) 1 Page - Socay Electornics Co., Ltd.

  EM2374K Datasheet HTML 1Page - Socay Electornics Co., Ltd. EM2374K Datasheet HTML 2Page - Socay Electornics Co., Ltd. EM2374K Datasheet HTML 3Page - Socay Electornics Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
4-Channel EMI Filter with Integrated ESD Protection
Revision February 21, 2014
1 / 3
@ SOCAY Electronics Co., Ltd. 2014
Specifications are subject to change without notice.
Please refer to www.socay.com for current information.
EM2374K
SOCAY Electronics Co., Ltd.
www.socay.com
LWSON-08
The EM2374K is a four-channel (C-R-C) Pi-style EMI filter array
with integrated ESD protection. Its typical component values of
R=100
Ω and C=8.5pF deliver a cutoff frequency. This
performance makes the part ideal for parallel interfaces with
data rates up to 70 Mbps in applications where wireless
interference must be minimized. The specified attenuation
range is very effective in minimizing interference from 2G/3G,
GPS, Bluetooth
® and WLAN signals. The EM2374K is
available in the low-profile 8-lead 1.7mm x1.35 mm LWSON-08
surface mount package.
u
Filter performance: 30dB minimum attenuation 1.8GHz
to 2.5GHz
u
Bidirectional EMI/RFI filter with integrated TVS for ESD
protection
u
TVS working voltage: 5V
u
Resistor: 100
Ω±20%
u
Typical Capacitance: 20pF (VR = 0V)
u
Protection and filtering for four lines
u
Solid-state technology
u
RoHS Compliant
u
IEC61000-4-2 (ESD)
±15kV (air), ±8kV (contact)
u
IEC61000-4-4 (EFT) 40A (5/50ns)
u
EMI Filtering for LCD and Camera Data Lines
u
EMI Filtering and Protection for I/O Ports and Keypads
u
Nominal Dimensions: 1.7 x 1.35 x 0.50 mm
u
Molding Compound Flammability Rating : UL 94V-0
u
Quantity Per Reel : 3,000pcs
u
Reel Size : 7 inch
u
Lead Finish : Lead Free
Symbol
Parameter
Value
Units
TL
Lead Soldering Temperature
260 (10sec)
ºC
TJ
Junction Temperature
125
ºC
TSTG
Storage Temperature Range
-55 to +150
ºC
TOP
Operating Temperature Range
-55 to +85
ºC
IEC61000-4-2 (ESD)
Air Discharge
±15
KV
Contact Discharge
±8
IEC61000-4-4 (EFT)
40
A
Mechanical Characteristics (@ 25℃ Unless Otherwise Specified)
Description
Feature
Functional Diagram
Applications
Mechanical Characteristics


Similar Part No. - EM2374K

ManufacturerPart #DatasheetDescription
logo
Shanghai Leiditech Elec...
EM2374K LEIDITECH-EM2374K Datasheet
388Kb / 3P
ESD/EMI PROTECTION FOR COLOR LCD INTERFACES
logo
UN Semiconducctor INC
EM2374K UNSEMI-EM2374K Datasheet
2Mb / 4P
Transient Voltage Suppressors for ESD Protection
Revision March 1,2022
More results

Similar Description - EM2374K

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AOZ8013 AOSMD-AOZ8013 Datasheet
333Kb / 7P
4-Line EMI Filter with Integrated ESD Protection
AOZ8014 AOSMD-AOZ8014 Datasheet
254Kb / 6P
4-Line EMI Filter with Integrated ESD Protection
AOZ8033 AOSMD-AOZ8033 Datasheet
352Kb / 7P
4-Line EMI Filter with Integrated ESD Protection
logo
ON Semiconductor
NUF4211MN ONSEMI-NUF4211MN_09 Datasheet
166Kb / 6P
4-Channel EMI Filter with Integrated ESD Protection
August, 2009 ??Rev. 1
NUF4000MU ONSEMI-NUF4000MU_09 Datasheet
148Kb / 6P
4-Channel EMI Filter with Integrated ESD Protection
August, 2009 ??Rev. 3
NUF4010MU ONSEMI-NUF4010MU_09 Datasheet
148Kb / 6P
4-Channel EMI Filter with Integrated ESD Protection
August, 2009 ??Rev. 4
logo
Alpha Industries
AOZ8043 ALPHA-AOZ8043 Datasheet
287Kb / 7P
4-Line EMI Filter with Integrated ESD Protection
logo
Alpha & Omega Semicondu...
AOZ8073 AOSMD-AOZ8073 Datasheet
296Kb / 7P
4-Line EMI Filter with Integrated ESD Protection
AOZ8533 AOSMD-AOZ8533 Datasheet
310Kb / 7P
4-Line EMI Filter with Integrated ESD Protection
logo
Socay Electornics Co., ...
EM6401M SOCAY-EM6401M Datasheet
288Kb / 3P
6-Channel EMI Filter with Integrated ESD Protection
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com