Electronic Components Datasheet Search
  English  ▼

X  

SMAZ18 Datasheet(PDF) 1 Page - Diodes Incorporated

Part # SMAZ18
Description  1.0A SURFACE MOUNT ZENER DIODE
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

SMAZ18 Datasheet(HTML) 1 Page - Diodes Incorporated

  SMAZ18 Datasheet HTML 1Page - Diodes Incorporated SMAZ18 Datasheet HTML 2Page - Diodes Incorporated SMAZ18 Datasheet HTML 3Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
DS18015 Rev. 9 - 2
1 of 3
SMAZ5V1 - SMAZ39
SMAZ5V1 - SMAZ39
1.0W SURFACE MOUNT ZENER DIODE
·
1.0W Power Dissipation
·
High Surge Capability
·
Ideally Suited for Automatic Assembly
·
5.1V - 39V Nominal Zener Voltage Range
·
Standard VZ Tolerance is ± 5%
Features
Maximum Ratings @TA = 25°C unless otherwise specified
·
Case: SMA, Molded Plastic
·
Plastic Material: UL Flammability
Classification Rating 94V-0
·
Moisture sensitivity: Level 1 per J-STD-020A
·
Terminals: Solderable per MIL-STD-202,
Method 208
·
Marking: Marking & Date Code (See Page 2)
·
Ordering Information: See Page 2
·
Polarity: Cathode Notch or Cathode Band
·
Weight: 0.064 grams (approx.)
Mechanical Data
A
B
C
D
G
H
E
J
Characteristic
Symbol
Value
Unit
Zener Current (see Table page 2)
IZM
Pd / VZ
mA
Forward Voltage
@IF = 200mA
VF
1.2
V
Power Dissipation
@TA = 50°C
Derate Above 50°C (Note 1)
Pd
1.0
8.0
W
mW/°C
Typical Thermal Resistance - Junction to Terminal (Note 1)
RqJT
30
°C/W
Typical Thermal Resistance - Junction to Ambient (Note 1)
RqJA
125
°C/W
Operating and Storage Temperature Range
Tj,TSTG
-65 to +150
°C
SMA
Dim
Min
Max
A
2.29
2.92
B
4.00
4.60
C
1.27
1.63
D
0.15
0.31
E
4.80
5.59
G
0.10
0.20
H
0.76
1.52
J
2.01
2.62
All Dimensions in mm
Notes:
1. Device mounted on FR-4 PCB, 1 inch x 0.85 inch x 0.062 inch; pad layout as shown on Diodes Inc. suggested pad layout
document AP02001, which can be found on our website at http://www.diodes.com/datasheets/ap02001.pdf.


Similar Part No. - SMAZ18

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SMAZ18 VISHAY-SMAZ18 Datasheet
171Kb / 3P
1.0W SURFACE MOUNT ZENER DIODE
logo
Diodes Incorporated
SMAZ18 DIODES-SMAZ18 Datasheet
90Kb / 4P
1.0W SURFACE MOUNT ZENER DIODE
DS18015 Rev. 14 - 2
logo
EIC discrete Semiconduc...
SMAZ18 EIC-SMAZ18 Datasheet
64Kb / 2P
SURFACE MOUNT SILICON ZENER DIODES
logo
Diodes Incorporated
SMAZ18 DIODES-SMAZ18 Datasheet
129Kb / 5P
1.0W SURFACE MOUNT ZENER DIODE
DS18015 Rev. 16 - 2
logo
Micro Commercial Compon...
SMAZ18 MCC-SMAZ18 Datasheet
313Kb / 4P
Halogen free available upon request by adding suffix "-HF" 1.0W Power Dissipation
More results

Similar Description - SMAZ18

ManufacturerPart #DatasheetDescription
logo
Zibo Seno Electronic En...
UF1A ZSELEC-UF1A Datasheet
170Kb / 2P
1.0A SURFACE MOUNT ULTRAFAST DIODE
HS1AL ZSELEC-HS1AL Datasheet
117Kb / 2P
1.0A SURFACE MOUNT ULTRAFAST DIODE
GU1A ZSELEC-GU1A Datasheet
134Kb / 2P
1.0A SURFACE MOUNT ULTRAFAST DIODE
US1A ZSELEC-US1A Datasheet
135Kb / 2P
1.0A SURFACE MOUNT ULTRAFAST DIODE
US1AF ZSELEC-US1AF Datasheet
90Kb / 2P
1.0A SURFACE MOUNT ULTRAFAST DIODE
10BF05 ZSELEC-10BF05 Datasheet
134Kb / 2P
1.0A SURFACE MOUNT ULTRAFAST DIODE
MURS110 ZSELEC-MURS110 Datasheet
142Kb / 2P
1.0A SURFACE MOUNT ULTRAFAST DIODE
MURS110A ZSELEC-MURS110A Datasheet
133Kb / 2P
1.0A SURFACE MOUNT ULTRAFAST DIODE
SMBYT01-50 ZSELEC-SMBYT01-50 Datasheet
159Kb / 2P
1.0A SURFACE MOUNT ULTRAFAST DIODE
10BF05 ZSELEC-10BF05_V01 Datasheet
135Kb / 2P
1.0A SURFACE MOUNT ULTRAFAST DIODE
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com