Electronic Components Datasheet Search
  English  ▼

X  

PF65 Datasheet(PDF) 2 Page - Hammond Manufacturing Ltd.

Part # PF65
Description  Ventilateurs a filtre 297-560 pimin
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HAMMOND [Hammond Manufacturing Ltd.]
Direct Link  http://www.hammondmfg.com
Logo HAMMOND - Hammond Manufacturing Ltd.

PF65 Datasheet(HTML) 2 Page - Hammond Manufacturing Ltd.

  PF65 Datasheet HTML 1Page - Hammond Manufacturing Ltd. PF65 Datasheet HTML 2Page - Hammond Manufacturing Ltd. PF65 Datasheet HTML 3Page - Hammond Manufacturing Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
PF67000T12LG230
230V
214W
PFA 60000LG
8
A irflow data
PF 65000
PF 66000
PF 67000
PFA 60000
Filter material
Type 12 Filtermat
Type 12 Filtermat
Type 12 Filtermat
Type 12
Filtermat
Unimpeded airflow
297 CFM
462 CFM
560 CFM
-
Capacity free-flow
IP 54: 160 W/K /
160 W/K
IP 54: 213 W/K /
218 W/K
IP 54: 282 W/K /
292 W/K
-
IP 55: 168 W/K /
168 W/K
IP 55: 257 W/K /
262 W/K
IP 55: 308 W/K /
317 W/K
-
Airflow in combination
230 CFM
295 CFM
368 CFM
-
(Filterfan + Exhaust
Filter)
(PF 65000 + PFA
60000)
(PF 66000 + PFA
60000)
(PF 67000 + PFA
60000)
-
Capacity in combination
127 W/K
167 W/K
208 W/K
-
(Filterfan + Exhaust
Filter)
(PF 65000 + PFA
60000)
(PF 66000 + PFA
60000)
(PF 67000 + PFA
60000)
-
Max. static pressure
(Airflow = 0)
74 Pa
134 Pa
187 Pa
-
Filtration efficiency
0.91
0.91
0.91
0.91
Filter material grade
G 4 (DIN EN 779) G 4 (DIN EN 779) G 4 (DIN EN 779)
G 4 (DIN EN
779)
Duty cycle
1
1
1
-
Technical data
PF 65000
PF 66000
PF 67000
PFA 60000
Outside dimensions in mm
320 x 320 x 150 320 x 320 x 150 320 x 320 x 150 320 x 320 x 39
(height x width x installation
depth)
Bearing type
ball bearings
ball bearings
ball bearings
-
Fitting position
any, horizontal airflow preferred
any
-
Construction
housing and guard of sprayed thermoplastic, self-extinguishing, UL
94 VO
Weight
3.2 kg
3.2 kg
3.7 kg
0.7 kg
Safety protection
in accordance with DIN 31 001
-
Color
RAL 7035, Light Grey
Connections
cage clamp
cage clamp
cage clamp
-
Supplementary data
PF 65000
PF 66000
PF 67000
Operating temperature
– 15 °C (- 5 °F) to / bis + 55 °C (+ 131 °F)
Storage temperature
– 20 °C (- 4 °F) to / bis + 70 °C (+ 158 °F)
Max. relative humidity
0.9
System of protection
NEMA Type 12, IP 55 (EN 60 529), when installed as specified
Basic Accessories
parts kit filter mat, user manual radiant heater, fan heater, thermostat,
hygrostat
Approvals
UL Recognized
* Tolerance installation
cutout
177 + 1/-0 thickness of material to 2 mm
178 + 1/-0 thickness of material > 2 mm < 3 mm
Les données sont sujettes à changement sans préavis.
© 2014. Hammond Manufacturing Ltd. Tous droits réservés.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com