Electronic Components Datasheet Search
  English  ▼

X  

ZPD1 Datasheet(PDF) 3 Page - Diodes Incorporated

Part # ZPD1
Description  SILICON PLANAR ZENER DIODE
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ZPD1 Datasheet(HTML) 3 Page - Diodes Incorporated

  ZPD1 Datasheet HTML 1Page - Diodes Incorporated ZPD1 Datasheet HTML 2Page - Diodes Incorporated ZPD1 Datasheet HTML 3Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
D
S21402 Rev. E-3
3 of 3
ZPD1-ZPD51
0
10
20
30
40
50
14
5
6
7
8
9
10
02
3
V , ZENER VOLTAGE (V)
Fig. 1, Zener Breakdown Characteristics
Z
T = 25°C
j
Test Current I
5mA
Z
See Note 1
ZPD2,7
ZPD3,3
ZPD3,9
ZPD4,7
ZPD5,6
ZPD6,8 ZPD8,2
0
100
200
300
400
500
0
100
200
See Note 2
T , AMBIENT TEMPERATURE (°C)
Fig. 4, Power Derating Curve
A
0
2
4
6
8
10
0
102030 40 50 60 70 80 90 100
V , ZENER VOLTAGE (V)
Fig. 3, Zener Breakdown Characteristics
Z
T = 25°C
j
See Note 1
Test Current I
5mA
Z
ZPD39
ZPD43
ZPD51
ZPD47
10
20
30
010
20
30
40
0
V , ZENER VOLTAGE (V)
Fig. 2, Zener Breakdown Characteristics
Z
Test Current I
5mA
Z
T = 25°C
j
See Note 1
ZPD10
ZPD12
ZPD15
ZPD18
ZPD22
ZPD27
ZPD33
ZPD36



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com