Electronic Components Datasheet Search
  English  ▼

X  

SB260E-G Datasheet(PDF) 2 Page - Comchip Technology

Part # SB260E-G
Description  Low VF/ESD Leaded Schottky Barrier Rectifiers
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

SB260E-G Datasheet(HTML) 2 Page - Comchip Technology

  SB260E-G Datasheet HTML 1Page - Comchip Technology SB260E-G Datasheet HTML 2Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
MDS0906003A
Page 2
Low VF/ESD Leaded Schottky Barrier Rectifiers
RATINGS AND CHARACTERISTIC CURVES SB220E-G thru SB2100E-G
Reverse Voltage (Volts)
Percent of Rated Peak Reverse Voltage ( %)
Fig. 3 - Typical Instantaneour Forward
Characteristics
Fig. 4A - Typical Reverse Characteristics
Instantaneous Forward Voltage (Volts)
Fig. 5 - Typical Junction Capacitance
0.1
1.0
10
100
100
1000
Fig. 4B - Typeical Reverse Characteristic
0
0.2
0.4
0.6
0.8
10
1.0
0.1
10
TJ=25°C
f=1.0MHz
Percent of Rated Peak Reverse Voltage ( %)
TJ=25°C
TJ=75°C
TJ=100°C
SB220E - SB260E
SB280E - SB2100E
0
20
40
60
80
100
120
140
100
10
1.0
0.1
0.01
0.001
10000
1000
100
10
1.0
0.1
0
20
40
60
80
100
TJ=25°C
TJ=100°C
TJ=125°C
TJ=150°C
Fig.1 - Forward Current Derating Curve
0
25
50
75
100
125
150
175
Lead Temperature ( °C)
2.4
2.0
1.6
1.2
0.8
0.4
RESISTIVE OR INDUCTIVE LOAD
SB220E - SB260E
SB280E - SB2100E
single phase half wave 60Hz
resistive or inductive load
3.75”(9.5mm) lead length
1
10
100
Fig. 2 - Maximum Non-Repetitive Peak
Forward Surge Current
Number of Cycles at 60 Hz
1
10
100
TL=110°C
8.3mS single half sine-wave
(JEDEC Method)
SB220E - SB245E
SB250E - SB260E
SB280E - SB2100E
TJ=125°C



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com