Electronic Components Datasheet Search
  English  ▼

X  

T630 Datasheet(PDF) 4 Page - Dynex Semiconductor

Part # T630
Description  Radiation hard 16-Bit ParallelError Detection & Correction
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DYNEX [Dynex Semiconductor]
Direct Link  http://www.dynexsemi.com
Logo DYNEX - Dynex Semiconductor

T630 Datasheet(HTML) 4 Page - Dynex Semiconductor

  T630 Datasheet HTML 1Page - Dynex Semiconductor T630 Datasheet HTML 2Page - Dynex Semiconductor T630 Datasheet HTML 3Page - Dynex Semiconductor T630 Datasheet HTML 4Page - Dynex Semiconductor T630 Datasheet HTML 5Page - Dynex Semiconductor T630 Datasheet HTML 6Page - Dynex Semiconductor T630 Datasheet HTML 7Page - Dynex Semiconductor T630 Datasheet HTML 8Page - Dynex Semiconductor T630 Datasheet HTML 9Page - Dynex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
54HSC/T630
4/10
Figure 3: Error Detection and Correction Using Two EDAC Units
S1
S0
Function
L
H
Start READ
H
H
Latch data & flag errors
H
L
Correct data & Output syndrome bits
DC CHARACTERISTICS AND RATINGS
Parameter
Min
Max
Units
Supply Voltage
-0.5
7
V
Input Voltage
VSS-0.3
VDD+0.3
V
Current Through Any Pin
-20
+20
mA
Operating Temperature
-55
125
°C
Storage Temperature
-65
150
°C
Note: Stresses above those listed may cause permanent
damage to the device. This is a stress rating only and
functional operation of the device at these conditions, or at
any other condition above those indicated in the operations
section of this specification, is not implied. Exposure to
absolute maximum rating conditions for extended periods
may affect device reliability.
Table 5: Absolute Maximum Ratings
Subgroup
Definition
1
Static characteristics specified in Table 6 at +25
°C
2
Static characteristics specified in Table 6 at +125
°C
3
Static characteristics specified in Table 6 at -55
°C
9
Switching characteristics specified in Table 7 at +25
°C
10
Switching characteristics specified in Table 7 at +125
°C
11
Switching characteristics specified in Table 7 at -55
°C
DEFINITION OF SUBGROUPS



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com