Electronic Components Datasheet Search
  English  ▼

X  

2SC5177 Datasheet(PDF) 6 Page - NEC

Part # 2SC5177
Description  NPN EPITAXIAL SILICON TRANSISTOR IN MINI-MOLD PACKAGE FOR LOW-NOISE MICROWAVE AMPLIFICATION
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

2SC5177 Datasheet(HTML) 6 Page - NEC

Back Button 2SC5177 Datasheet HTML 2Page - NEC 2SC5177 Datasheet HTML 3Page - NEC 2SC5177 Datasheet HTML 4Page - NEC 2SC5177 Datasheet HTML 5Page - NEC 2SC5177 Datasheet HTML 6Page - NEC 2SC5177 Datasheet HTML 7Page - NEC 2SC5177 Datasheet HTML 8Page - NEC 2SC5177 Datasheet HTML 9Page - NEC 2SC5177 Datasheet HTML 10Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
2SC5177
6
VCE = 1 V, IC = 5 mA, ZO = 50
Ω
FREQUENCY
S11
S21
S12
S22
ANG
–10.1
–19.7
–30.0
–39.3
–48.4
–55.7
–61.2
–64.1
–67.7
–69.0
–71.5
–72.7
–73.5
–79.4
–78.3
ANG
–12.7
–25.1
–38.5
–51.4
–65.4
–78.5
–89.4
–98.4
–106.9
–114.7
–121.0
–135.0
–147.9
–175.4
141.5
MAG
0.977
0.958
0.898
0.831
0.746
0.668
0.585
0.507
0.457
0.418
0.383
0.354
0.310
0.288
0.317
ANG
89.0
77.0
70.4
59.8
54.7
46.4
45.5
48.7
46.7
42.5
47.0
45.9
41.8
42.4
43.6
MAG
0.042
0.086
0.112
0.148
0.164
0.187
0.196
0.202
0.215
0.218
0.230
0.252
0.262
0.287
0.312
MAG
0.918
0.894
0.839
0.761
0.673
0.554
0.462
0.377
0.297
0.239
0.199
0.157
0.090
0.076
0.082
ANG
168.4
156.8
145.2
132.9
120.6
109.2
99.5
90.0
82.7
75.9
69.9
64.1
59.5
54.3
49.4
(MHz)
200.00
400.00
600.00
800.00
1000.00
1200.00
1400.00
1600.00
1800.00
2000.00
2200.00
2400.00
2600.00
2800.00
3000.00
VCE = 1 V, IC = 7 mA, ZO = 50
Ω
FREQUENCY
S11
S21
S12
S22
ANG
–15.3
–27.1
–34.5
–39.9
–43.5
–46.4
–49.6
–51.0
–54.4
–57.1
–59.5
–63.8
–67.5
–70.4
–72.3
ANG
–20.3
–37.1
–48.6
–57.4
–66.0
–73.4
–77.0
–83.0
–88.7
–95.4
–98.6
–101.7
–119.5
155.8
129.1
MAG
0.926
0.814
0.699
0.618
0.558
0.502
0.463
0.421
0.400
0.370
0.367
0.319
0.314
0.285
0.303
ANG
81.2
72.4
64.5
63.5
62.2
58.3
56.5
55.5
56.4
55.1
52.1
50.7
49.1
45.8
44.0
MAG
0.042
0.076
0.097
0.120
0.135
0.160
0.185
0.195
0.220
0.230
0.248
0.264
0.287
0.310
0.337
MAG
0.820
0.698
0.576
0.463
0.380
0.299
0.255
0.207
0.165
0.131
0.087
0.074
0.029
0.030
0.070
ANG
155.7
136.2
121.8
109.9
100.3
92.5
85.9
79.0
74.1
68.9
64.0
59.4
54.9
50.7
46.9
(MHz)
200.00
400.00
600.00
800.00
1000.00
1200.00
1400.00
1600.00
1800.00
2000.00
2200.00
2400.00
2600.00
2800.00
3000.00
MAG
5.022
4.958
4.883
4.751
4.510
4.205
3.840
3.467
3.209
2.928
2.670
2.518
2.357
2.197
2.113
MAG
8.814
7.520
6.310
5.368
4.606
4.049
3.575
3.193
2.942
2.692
2.474
2.316
2.220
2.061
2.014



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com