Electronic Components Datasheet Search
  English  ▼

X  

SG2003 Datasheet(PDF) 4 Page - Microsemi Corporation

Part # SG2003
Description  HIGH VOLTAGE MEDIUM CURRENT DRIVER ARRAYS
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

SG2003 Datasheet(HTML) 4 Page - Microsemi Corporation

  SG2003 Datasheet HTML 1Page - Microsemi Corporation SG2003 Datasheet HTML 2Page - Microsemi Corporation SG2003 Datasheet HTML 3Page - Microsemi Corporation SG2003 Datasheet HTML 4Page - Microsemi Corporation SG2003 Datasheet HTML 5Page - Microsemi Corporation SG2003 Datasheet HTML 6Page - Microsemi Corporation SG2003 Datasheet HTML 7Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
Rev 1.3b
Copyright
© 1997
11861 Western Avenue
∞
∞
∞
∞
∞ Garden Grove, CA 92841
4
(714) 898-8121
∞
∞
∞
∞
∞ FAX: (714) 893-2570
Parameter
Units
Min. Typ. Max.
Limits
Test Conditions
Applicable
Devices
Temp.
ELECTRICAL CHARTACTERISTICS (continued)
SG2011 thru SG2015
Output Leakage Current (I
CEX)
Collector - Emitter (V
CE(SAT))
Input Current (I
IN(ON))
(I
IN(OFF))
Input Voltage (V
IN(ON))
D-C Forward Current
Transfer Ratio (h
FE)
Input Capacitance (C
IN)
(Note 3)
Turn-On Delay (TPLH)
Turn-Off Delay (TPHL)
Clamp Diode Leakage Current (I
R)
Clamp Diode Forward Voltage (V
F)
All
SG2012
SG2014
All
SG2012
SG2013
SG2014
SG2015
All
SG2012
SG2013
SG2014
SG2015
SG2011
All
All
All
All
All
T
A = TMIN
T
A = TMIN
T
A = TMIN
T
A = 25°C
T
A = 25°C
T
A = 25°C
T
A = TMAX
T
A = TMAX
T
A = TMAX
T
A = TMAX
T
A = TMIN
T
A = TMAX
T
A = TMIN
T
A = TMIN
T
A = TMIN
T
A = TMAX
T
A = TMAX
T
A = TMAX
T
A = TMIN
T
A = TMIN
T
A = TMIN
T
A = TMAX
T
A = TMAX
T
A = TMAX
T
A = TMIN
T
A = TMIN
T
A = TMAX
T
A = TMAX
T
A = TMIN
T
A = 25°C
T
A = 25°C
T
A = 25°C
T
A = 25°C
V
CE = 50V
V
CE = 50V, VIN = 6V
V
CE = 50V, VIN = 1V
I
C = 500mA, IB = 1100µA
I
C = 350mA, IB = 850µA
I
C = 200mA, IB = 550µA
I
C = 500mA, IB = 600µA
I
C = 350mA, IB = 500µA
I
C = 200mA, IB = 350µA
I
C = 500mA, IB = 600µA
I
C = 350mA, IB = 500µA
I
C = 200mA, IB = 350µA
V
IN = 17V
V
IN = 3.85V
V
IN = 5V
V
IN = 12V
V
IN = 3V
I
C = 500µA
V
CE = 2V, IC = 500mA
V
CE = 2V, IC = 500mA
V
CE = 2V, IC = 250mA
V
CE = 2V, IC = 300mA
V
CE = 2V, IC = 500mA
V
CE = 2V, IC = 250mA
V
CE = 2V, IC = 300mA
V
CE = 2V, IC = 500mA
V
CE = 2V, IC = 275mA
V
CE = 2V, IC = 350mA
V
CE = 2V, IC = 500mA
V
CE = 2V, IC = 275mA
V
CE = 2V, IC = 350mA
V
CE = 2V, IC = 500mA
V
CE = 2V, IC = 350mA
V
CE = 2V, IC = 500mA
V
CE = 2V, IC = 350mA
V
CE = 2V, IC = 500mA
V
CE = 2V, IC = 500mA
V
CE = 2V, IC = 500mA
0.5 E
IN to 0.5 EOUT
0.5 E
IN to 0.5 EOUT
V
R = 50V
I
F = 350mA
I
F = 500mA
480
650
240
650
1180
25
450
900
1.8
1.6
1.3
1.7
1.25
1.1
1.8
1.6
1.3
850
930
350
1000
1500
50
15
250
250
1.7
100
500
500
2.1
1.8
1.5
1.9
1.6
1.3
2.1
1.8
1.5
1300
1350
500
1450
2400
23.5
17
3.6
3.9
6.0
2.7
3.0
3.5
10
12
17
7.0
8.0
9.5
3.0
3.5
2.4
2.6
25
1000
1000
50
2.0
2.5
µA
µA
µA
V
V
V
V
V
V
V
V
V
µA
µA
µA
µA
µA
µA
V
V
V
V
V
V
V
V
V
V
V
V
V
V
V
V
V
V
pF
ns
ns
µA
V
V
Note 3. These parameters, although guaranteed, are not tested in production.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com