Electronic Components Datasheet Search
  English  ▼

X  

A40MX02 Datasheet(PDF) 21 Page - Microsemi Corporation

Part # A40MX02
Description  40MX and 42MX FPGA Families
PDF  143 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

A40MX02 Datasheet(HTML) 21 Page - Microsemi Corporation

Back Button A40MX02 Datasheet HTML 17Page - Microsemi Corporation A40MX02 Datasheet HTML 18Page - Microsemi Corporation A40MX02 Datasheet HTML 19Page - Microsemi Corporation A40MX02 Datasheet HTML 20Page - Microsemi Corporation A40MX02 Datasheet HTML 21Page - Microsemi Corporation A40MX02 Datasheet HTML 22Page - Microsemi Corporation A40MX02 Datasheet HTML 23Page - Microsemi Corporation A40MX02 Datasheet HTML 24Page - Microsemi Corporation A40MX02 Datasheet HTML 25Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 143 page
background image
40MX and 42MX FPGA Families
1-17
Revision 12
5.0 V Operating Conditions
Table 1-6 •
Absolute Maximum Ratings for 40MX Devices*
Symbol
Parameter
Limits
Units
VCC
DC Supply Voltage
–0.5 to +7.0
V
VI
Input Voltage
–0.5 to VCC+0.5
V
VO
Output Voltage
–0.5 to VCC+0.5
V
tSTG
Storage Temperature
–65 to +150
°C
Note: *Stresses beyond those listed under "Absolute Maximum Ratings" may cause permanent damage to the device.
Exposure to absolute maximum rated conditions for extended periods may affect device reliability. Devices
should not be operated outside the Recommended Operating Conditions.
Table 1-7 •
Absolute Maximum Ratings for 42MX Devices*
Symbol
Parameter
Limits
Units
VCCI
DC Supply Voltage for I/Os
–0.5 to +7.0
V
VCCA
DC Supply Voltage for Array
–0.5 to +7.0
V
VI
Input Voltage
–0.5 to VCCI+0.5
V
VO
Output Voltage
–0.5 to VCCI+0.5
V
tSTG
Storage Temperature
–65 to +150
°C
Note: *Stresses beyond those listed under "Absolute Maximum Ratings" may cause permanent damage to the device.
Exposure to absolute maximum rated conditions for extended periods may affect device reliability. Devices
should not be operated outside the Recommended Operating Conditions.
Table 1-8 •
Recommended Operating Conditions
Parameter
Commercial
Industrial
Military
Units
Temperature Range*
0 to +70
–40 to +85
–55 to +125
°C
VCC (40MX)
4.75 to 5.25
4.5 to 5.5
4.5 to 5.5
V
VCCA (42MX)
4.75 to 5.25
4.5 to 5.5
4.5 to 5.5
V
VCCI (42MX)
4.75 to 5.25
4.5 to 5.5
4.5 to 5.5
V
Note: *Ambient temperature (TA) is used for commercial and industrial grades; case temperature (TC) is used for
military grades.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com