Electronic Components Datasheet Search
  English  ▼

X  

A40MX02 Datasheet(PDF) 39 Page - Microsemi Corporation

Part # A40MX02
Description  40MX and 42MX FPGA Families
PDF  143 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

A40MX02 Datasheet(HTML) 39 Page - Microsemi Corporation

Back Button A40MX02 Datasheet HTML 35Page - Microsemi Corporation A40MX02 Datasheet HTML 36Page - Microsemi Corporation A40MX02 Datasheet HTML 37Page - Microsemi Corporation A40MX02 Datasheet HTML 38Page - Microsemi Corporation A40MX02 Datasheet HTML 39Page - Microsemi Corporation A40MX02 Datasheet HTML 40Page - Microsemi Corporation A40MX02 Datasheet HTML 41Page - Microsemi Corporation A40MX02 Datasheet HTML 42Page - Microsemi Corporation A40MX02 Datasheet HTML 43Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 143 page
background image
40MX and 42MX FPGA Families
1-35
Revision 12
Predictable Performance: Tight Delay Distributions
Propagation delay between logic modules depends on the resistive and capacitive loading of the routing tracks, the
interconnect elements, and the module inputs being driven. Propagation delay increases as the length of routing
tracks, the number of interconnect elements, or the number of inputs increases.
From a design perspective, the propagation delay can be statistically correlated or modeled by the fanout (number of
loads) driven by a module. Higher fanout usually requires some paths to have longer routing tracks.
The MX FPGAs deliver a tight fanout delay distribution, which is achieved in two ways: by decreasing the delay of the
interconnect elements and by decreasing the number of interconnect elements per path.
Microsemi’s patented antifuse offers a very low resistive/capacitive interconnect. The antifuses, fabricated in 0.45 µm
lithography, offer nominal levels of 100
 resistance and 7.0 fF capacitance per antifuse.
MX fanout distribution is also tight due to the low number of antifuses required for each interconnect path. The
proprietary architecture limits the number of antifuses per path to a maximum of four, with 90 percent of interconnects
using only two antifuses.
Timing Characteristics
Device timing characteristics fall into three categories: family-dependent, device-dependent, and
design-dependent. The input and output buffer characteristics are common to all MX devices. Internal routing delays
are device-dependent; actual delays are not determined until after place-and-route of the user's design is complete.
Delay values may then be determined by using the Designer software utility or by performing simulation with post-
layout delays.
Critical Nets and Typical Nets
Propagation delays are expressed only for typical nets, which are used for initial design performance evaluation.
Critical net delays can then be applied to the most timing critical paths. Critical nets are determined by net property
assignment in Microsemi's Designer software prior to placement and routing. Up to 6% of the nets in a design may be
designated as critical.
Long Tracks
Some nets in the design use long tracks, which are special routing resources that span multiple rows, columns, or
modules. Long tracks employ three and sometimes four antifuse connections, which increase capacitance and
resistance, resulting in longer net delays for macros connected to long tracks. Typically, up to 6 percent of nets in a
fully utilized device require long tracks. Long tracks add approximately a 3 ns to a 6 ns delay, which is represented
statistically in higher fanout (FO=8) routing delays in the data sheet specifications section, shown in Table 1-28 on
page 1-40.
Timing Derating
MX devices are manufactured with a CMOS process. Therefore, device performance varies according to temperature,
voltage, and process changes. Minimum timing parameters reflect maximum operating voltage, minimum operating
temperature and best-case processing. Maximum timing parameters reflect minimum operating voltage, maximum
operating temperature and worst-case processing.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com