Electronic Components Datasheet Search
  English  ▼

X  

UDZ22B Datasheet(PDF) 1 Page - Diodes Incorporated

Part # UDZ22B
Description  SURFACE MOUNT PRECISION ZENER DIODE
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

UDZ22B Datasheet(HTML) 1 Page - Diodes Incorporated

  UDZ22B Datasheet HTML 1Page - Diodes Incorporated UDZ22B Datasheet HTML 2Page - Diodes Incorporated UDZ22B Datasheet HTML 3Page - Diodes Incorporated UDZ22B Datasheet HTML 4Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
DS30290 Rev. 5 - 1
1 of 4
UDZ2V0B-UDZ56B
·
Ultra-Small Surface Mount Package
·
Ideally suited for Automated Assembly
Processes
·
Very Sharp Breakdown Characteristics
·
Very Tight Tolerance on Zener Breakdown Voltage
Features
Maximum Ratings
@ TA = 25
°C unless otherwise specified
Characteristic
Symbol
Value
Unit
Power Dissipation (Note 2)
Pd
200
mW
Thermal Resistance, Junction to Ambient Air (Note 2)
RqJA
625
°C/W
Operating and Storage Temperature Range
Tj, TSTG
-65 to +150
°C
Mechanical Data
UNDER DEVELOPMENT
·
Case: SOD-323, Plastic
·
Case Material - UL Flammability Rating
Classification 94V-0
·
Moisture sensitivity: Level 1 per J-STD-020A
·
Terminals: Solderable per MIL-STD-202,
Method 208
·
Polarity: Cathode Band
·
Marking: Marking Code (See Table on Page 2)
·
Weight: 0.004 grams (approx.)
·
Ordering Information, See Below
Ordering Information (Note 1)
Device
Packaging
Shipping
(Type Number)-7*
SOD-323
3000/Tape & Reel
* Add “-7” to the appropriate type number in Table 1 from Sheet 2 example: 6.2V Zener = UDZ6V2B-7.
Notes:
1. For Packaging Details, go to our website at http://www.diodes.com/datasheets/ap02007.pdf.
2. Part mounted on FR-4 PC board with recommended pad layout, which can be found on our website
at http://www.diodes.com/datasheets/ap02001.pdf.
Marking Information
XX = Product Type Marking Code
XX
A
B
C
D
E
G
H
J
SOD-323
Dim
Min
Max
A
2.30
2.70
B
1.60
1.80
C
1.20
1.40
D
1.05 Typical
E
0.25
0.35
G
0.20
0.40
H
0.10
0.15
J
0.05 Typical
a
0
°
8
°
All Dimensions in mm
UDZ2V0B-UDZ56B
SURFACE MOUNT PRECISION ZENER DIODE


Similar Part No. - UDZ22B

ManufacturerPart #DatasheetDescription
logo
Rohm
UDZ22B ROHM-UDZ22B Datasheet
58Kb / 3P
Zener diode
logo
Diode Semiconductor Kor...
UDZ22B DSK-UDZ22B Datasheet
312Kb / 5P
Surface mount zener diode
logo
Formosa MS
UDZ22B FORMOSA-UDZ22B Datasheet
62Kb / 8P
SMD Zener Diode
UDZ22B-FL FORMOSA-UDZ22B-FL Datasheet
97Kb / 8P
SMD Zener Diode
More results

Similar Description - UDZ22B

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DDZ9693 DIODES-DDZ9693 Datasheet
187Kb / 6P
SURFACE MOUNT PRECISION ZENER DIODE
DS30410 Rev. 2 - 2
DDZ9681 DIODES-DDZ9681_1 Datasheet
191Kb / 7P
SURFACE MOUNT PRECISION ZENER DIODE
DS30410 Rev. 9 - 2
DDZ5V1BS DIODES-DDZ5V1BS Datasheet
176Kb / 6P
SURFACE MOUNT PRECISION ZENER DIODE
DS30414 Rev. 4 - 2
DDZ9689T DIODES-DDZ9689T Datasheet
719Kb / 6P
SURFACE MOUNT PRECISION ZENER DIODE
DS30553 Rev. 3 - 2
DDZ5V1B DIODES-DDZ5V1B_08 Datasheet
237Kb / 7P
SURFACE MOUNT PRECISION ZENER DIODE
DS30407 Rev. 11 - 2
DDZ9678 DIODES-DDZ9678 Datasheet
178Kb / 7P
SURFACE MOUNT PRECISION ZENER DIODE
DS30410 Rev. 14 - 2
DDZ5V1B DIODES-DDZ5V1B_12 Datasheet
174Kb / 7P
SURFACE MOUNT PRECISION ZENER DIODE
Rev 12
BZT585B2V4T DIODES-BZT585B2V4T Datasheet
195Kb / 4P
SURFACE MOUNT PRECISION ZENER DIODE
Rev 5
D3Z2V4BF DIODES-D3Z2V4BF_16 Datasheet
179Kb / 5P
SURFACE MOUNT PRECISION ZENER DIODE
Rev 9
DDZX5V6AQ DIODES-DDZX5V6AQ Datasheet
567Kb / 5P
SURFACE MOUNT PRECISION ZENER DIODE
May 2022 Rev. 3 - 2
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com