Electronic Components Datasheet Search
  English  ▼

X  

UDZ56B Datasheet(PDF) 4 Page - Diodes Incorporated

Part # UDZ56B
Description  SURFACE MOUNT PRECISION ZENER DIODE
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

UDZ56B Datasheet(HTML) 4 Page - Diodes Incorporated

  UDZ56B Datasheet HTML 1Page - Diodes Incorporated UDZ56B Datasheet HTML 2Page - Diodes Incorporated UDZ56B Datasheet HTML 3Page - Diodes Incorporated UDZ56B Datasheet HTML 4Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
UNDER DEVELOPMENT
DS30290 Rev. 5 - 1
4 of 4
UDZ2V0B-UDZ56B
38
42
46
50
V , ZENER BREAKDOWN VOLTAGE (V)
Z
Fig.7 Typical Reverse Characteristics, UDZ47B
40
44
48
UDZ47B
1m
100
m
10
m
1
m
100n
10m
100m
-0.08
0.12
-0.04
-0.06
06
10
V , ZENER VOLTAGE (V)
Z
Fig. 8 Typical Temperature Coefficient of
Zener Voltage vs. Zener Voltage, UDZ6V2B-UDZ10B
4
2
8
-0.02
0
0.02
0.04
0.06
0.08
0.10
-0.08
0.12
-0.04
-0.06
20
26
30
V , ZENER VOLTAGE (V)
Z
Fig. 10 Typical Temperature Coefficient of
Zener Voltage, UDZ20B-UDZ30B
24
22
28
-0.02
0
0.02
0.04
0.06
0.08
0.10
-0.08
0.12
-0.04
-0.06
10
16
20
V , ZENER VOLTAGE (V)
Z
Fig. 9 Typical Temperature Coefficient of
Zener Voltage vs. Zener Voltage, UDZ10B-UDZ20B
14
12
18
-0.02
0
0.02
0.04
0.06
0.08
0.10
-0.08
0.12
-0.04
-0.06
30
42
50
V , ZENER VOLTAGE (V)
Z
Fig. 11 Typical Temperature Coefficient of
Zener Voltage, UDZ30B-UDZ47B
38
34
46
-0.02
0
0.02
0.04
0.06
0.08
0.10
*Note: Additional Plots for Reverse Characteristics and Temperature Coefficient of Zener Voltage shall be available soon.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com