Electronic Components Datasheet Search
  English  ▼

X  

ZPD20 Datasheet(PDF) 1 Page - Diodes Incorporated

Part # ZPD20
Description  SILICON PLANAR ZENER DIODE
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ZPD20 Datasheet(HTML) 1 Page - Diodes Incorporated

  ZPD20 Datasheet HTML 1Page - Diodes Incorporated ZPD20 Datasheet HTML 2Page - Diodes Incorporated ZPD20 Datasheet HTML 3Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
D
S21402 Rev. E-3
1 of 3
ZPD1-ZPD51
ZPD1 - ZPD51
SILICON PLANAR ZENER DIODE
Features
·
Case: Glass, DO-35
·
Leads: Solderable per
MIL-STD-202, Method 208
·
Polarity: Cathode Band
·
Marking: Type Number
·
Weight: 0.13 grams (approx.)
Mechanical Data
Maximum Ratings @ TA = 25°C unless otherwise specified
Notes:
1. Tested with pulses, tp = 20ms.
2. Valid provided that leads at a distance of 8mm from body are kept at ambient temperature.
Characteristic
Symbol
Value
Unit
Zener Current (see Table on Page 2)
———
Power Dissipation (Note 2)
Pd
500
mW
Thermal Resistance, Junction to Ambient Air (Note 2)
RqJA
300
K/W
Operating and Storage Temperature Range
Tj,TSTG
-55 to +175
°C
·
Planar Die Construction
·
Hermetically Sealed Glass Case
·
0.7V - 51V Nominal Zener Voltages
A
A
B
C
D
DO-35
Dim
Min
Max
A
25.4
—
B
—
4.57
C
—
0.53
D
—
1.9
All Dimensions in mm


Similar Part No. - ZPD20

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
ZPD20 SEMTECH-ZPD20 Datasheet
248Kb / 3P
SILICON PLANAR ZENER DIODES?
logo
Shanghai Lunsure Electr...
ZPD20 CHENYI-ZPD20 Datasheet
107Kb / 3P
0.5W SILICON PLANAR ZENER DIODES
logo
General Semiconductor
ZPD20 GE-ZPD20 Datasheet
370Kb / 8P
ZENER DIODES
logo
GOOD-ARK Electronics
ZPD20 GOOD-ARK-ZPD20 Datasheet
155Kb / 3P
SILICON PLANAR ZENER DIODES
logo
Diotec Semiconductor
ZPD20 DIOTEC-ZPD20 Datasheet
110Kb / 2P
Silicon-Planar-Zener-Diodes
More results

Similar Description - ZPD20

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
2.2HC SEMTECH-2.2HC Datasheet
239Kb / 4P
SILICON PLANAR ZENER DIODE
2.0HS SEMTECH-2.0HS Datasheet
280Kb / 4P
SILICON PLANAR ZENER DIODE
logo
KEC(Korea Electronics)
Z02W100V KEC-Z02W100V Datasheet
438Kb / 2P
ZENER DIODE SILICON EPITAXIAL PLANAR DIODE
logo
Rectron Semiconductor
BZM55C-BS RECTRON-BZM55C-BS Datasheet
155Kb / 5P
SILICON PLANAR ZENER DIODE
BZV55C-BS RECTRON-BZV55C-BS Datasheet
196Kb / 5P
SILICON PLANAR ZENER DIODE
BZX55C2V0 RECTRON-BZX55C2V0 Datasheet
196Kb / 5P
SILICON PLANAR ZENER DIODE
BZX55C-BS RECTRON-BZX55C-BS Datasheet
278Kb / 5P
SILICON PLANAR ZENER DIODE
logo
KEC(Korea Electronics)
SMAZ3.6V-36V KEC-SMAZ3.6V-36V Datasheet
365Kb / 3P
ZENER DIODE SILICON PLANAR DIODE
logo
Rectron Semiconductor
1N4448 RECTRON-1N4448_12 Datasheet
222Kb / 5P
SILICON PLANAR ZENER DIODE
1N4728A RECTRON-1N4728A_12 Datasheet
178Kb / 5P
SILICON PLANAR ZENER DIODE
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com