Electronic Components Datasheet Search
  English  ▼

X  

2SC5179 Datasheet(PDF) 5 Page - NEC

Part # 2SC5179
Description  NPN EPITAXIAL SILICON TRANSISTOR IN SMALL MINI-MOLD PACKAGE FOR LOW-NOISE MICROWAVE AMPLIFICATION
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

2SC5179 Datasheet(HTML) 5 Page - NEC

  2SC5179 Datasheet HTML 1Page - NEC 2SC5179 Datasheet HTML 2Page - NEC 2SC5179 Datasheet HTML 3Page - NEC 2SC5179 Datasheet HTML 4Page - NEC 2SC5179 Datasheet HTML 5Page - NEC 2SC5179 Datasheet HTML 6Page - NEC 2SC5179 Datasheet HTML 7Page - NEC 2SC5179 Datasheet HTML 8Page - NEC 2SC5179 Datasheet HTML 9Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
2SC5179
5
S-PARAMETER
VCE = 1 V, IC = 1 mA, ZO = 50
Ω
FREQUENCY
S11
S21
S12
S22
ANG
–4.0
–8.1
–11.5
–15.5
–18.8
–22.1
–25.6
–28.4
–31.2
–34.1
–36.4
–38.8
–41.1
–43.1
–45.4
–47.0
–48.9
–50.3
–51.9
–53.4
ANG
–3.7
–7.5
–10.6
–14.9
–17.9
–22.1
–25.8
–29.1
–33.3
–35.8
–40.3
–43.4
–46.8
–50.7
–53.4
–57.1
–60.0
–62.8
–65.7
–69.0
MAG
0.994
0.992
0.980
0.959
0.949
0.923
0.901
0.875
0.851
0.832
0.806
0.781
0.761
0.736
0.719
0.698
0.677
0.658
0.642
0.622
ANG
83.4
82.6
79.2
75.4
72.8
69.9
66.8
64.2
61.7
59.8
57.6
55.7
54.3
52.7
50.9
49.7
48.5
47.3
46.4
45.8
MAG
1.968
1.939
1.930
2.014
1.934
1.988
1.951
1.931
1.996
1.900
1.963
1.944
1.909
1.936
1.870
1.878
1.849
1.810
1.786
1.773
MAG
0.020
0.038
0.058
0.075
0.091
0.107
0.122
0.136
0.148
0.158
0.170
0.179
0.189
0.196
0.205
0.211
0.215
0.222
0.227
0.231
MAG
0.982
0.983
0.973
0.955
0.946
0.918
0.900
0.873
0.845
0.827
0.799
0.776
0.753
0.718
0.695
0.663
0.634
0.609
0.581
0.554
ANG
174.3
167.5
161.8
156.4
150.9
146.3
141.7
137.1
133.2
129.5
125.6
121.7
118.0
114.1
110.7
107.2
104.0
100.6
97.9
94.7
VCE = 1 V, IC = 3 mA, ZO = 50
Ω
FREQUENCY
S11
S21
S12
S22
ANG
–7.0
–13.6
–19.1
–24.5
–28.7
–32.1
–35.6
–37.8
–40.0
–41.8
–43.4
–44.6
–46.0
–47.1
–48.3
–48.9
–49.9
–50.5
–51.3
–52.2
ANG
–6.3
–12.8
–18.1
–25.4
–29.6
–35.8
–41.6
–46.0
–51.0
–54.6
–59.2
–61.8
–65.0
–67.5
–70.0
–71.8
–73.7
–75.3
–77.3
–79.0
MAG
0.975
0.951
0.913
0.857
0.819
0.765
0.720
0.680
0.645
0.616
0.587
0.561
0.538
0.517
0.502
0.483
0.469
0.457
0.446
0.434
ANG
83.2
79.3
74.7
70.9
67.7
65.8
63.4
62.2
61.4
60.5
59.5
59.0
58.2
58.2
57.4
57.5
57.2
56.9
56.8
56.7
MAG
5.517
5.308
5.147
5.209
4.893
4.844
4.709
4.495
4.406
4.184
4.048
3.894
3.693
3.545
3.369
3.227
3.089
2.965
2.842
2.744
MAG
0.019
0.037
0.054
0.067
0.080
0.092
0.101
0.111
0.118
0.127
0.135
0.143
0.150
0.158
0.165
0.173
0.180
0.187
0.194
0.201
MAG
0.932
0.914
0.881
0.833
0.797
0.737
0.687
0.636
0.583
0.541
0.495
0.452
0.420
0.381
0.354
0.325
0.299
0.276
0.254
0.234
ANG
168.9
160.7
152.7
145.3
139.4
133.4
127.6
122.5
117.5
113.4
108.6
104.4
101.0
97.1
94.2
91.2
88.6
85.9
83.7
81.2
MHz
100.0000
200.0000
300.0000
400.0000
500.0000
600.0000
700.0000
800.0000
900.0000
1000.0000
1100.0000
1200.0000
1300.0000
1400.0000
1500.0000
1600.0000
1700.0000
1800.0000
1900.0000
2000.0000
MHz
100.0000
200.0000
300.0000
400.0000
500.0000
600.0000
700.0000
800.0000
900.0000
1000.0000
1100.0000
1200.0000
1300.0000
1400.0000
1500.0000
1600.0000
1700.0000
1800.0000
1900.0000
2000.0000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com