Electronic Components Datasheet Search
  English  ▼

X  

AM-153 Datasheet(PDF) 1 Page - M/A-COM Technology Solutions, Inc.

Part # AM-153
Description  Low Noise Amplifier, 12 dB Gain
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

AM-153 Datasheet(HTML) 1 Page - M/A-COM Technology Solutions, Inc.

  AM-153 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. AM-153 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
• North America Tel: 800.366.2266 • Europe Tel: +353.21.244.6400
• India Tel: +91.80.4155721
• China Tel: +86.21.2407.1588
Visit www.macomtech.com for additional data sheets and product information.
M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make
changes to the product(s) or information contained herein without notice.
1
Low Noise Amplifier, 12 dB Gain,
300 - 1800 MHz
Rev. V3
AM-153
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions
is considering for development. Performance is based on target specifications, simulated results,
and/or prototype measurements. Commitment to develop is not guaranteed.
PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology
Solutions has under development. Performance is based on engineering tests. Specifications are
typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available.
Commitment to produce in volume is not guaranteed.
Features
• 1.9 dB Typical Midband Noise Figure
• +7.5 dBm Typical Midband Output Power
• +19 dBm Typical Midband Third Order Intercept
Description
M/A-COM’s AM-153 is a coupler feedback amplifier
with low noise figure. The use of coupler feedback
minimizes noise figure and current in a high intercept
amplifier. This amplifier is packaged in a TO-8
package. This unique design features low noise
figure over a wide bandwidth. AM-153 is ideally
suited for use where a low noise, wideband, high
reliability amplifier is required.
TO-8-1
Parameter
Absolute Maximum
Max. Input Power
+10 dBm
Vbias
+15.75 V
Operating Temperature
-55°C to +85°C
Storage Temperature
-65°C to +125°C
Absolute Maximum Ratings
1
1. Operation of this device above any one of these parameters
may cause permanent damage.
Electrical Specifications:
2 TA = -55°C to +85°C Case Temperature
2. All specifications apply when operated at +15 VDC, with 50 ohms source and load impedance.
Parameter
Test Conditions
Units
Min.
Typ.
Max.
Gain
@+25
oC
dB
11.9
12.4
12.9
Frequency Response
—
dB
—
—
±1.2
Gain Variation with
Temperature
—
dB
—
—
+0.5, -0.7
1 dB Compression
Output Power
dBm
+6
—
—
Noise Figure
—
dB
dB
—
—
—
—
3.0
3.5
Reverse Transmission
—
dB
—
-14
-12
VSWR Input
—
Ratio
Ratio
—
—
—
—
2.5:1
3.3:1
Output IP2
Two-Tone inputs up to –5 dBm
dBm
+22
—
—
Output IP3
Two-Tone inputs up to –5 dBm
dBm
dBm
+17
+15
—
—
—
—
Vbias
—
VDC
+14.5
+15.0
+15.5
Ibias
Vbias = +15.0 VDC
mA
—
13
15
Power Dissipation
@ +15 V Bias
mW
—
200
—
Frequency
600 MHz
300 - 1800 MHz
300 - 1800 MHz
300 - 1800 MHz
300 - 1800 MHz
1500 - 1800 MHz
300 - 1800 MHz
300 - 1800 MHz
1500 - 1800 MHz
300 - 1800 MHz
300 - 1000 MHz
1000 - 1800 MHz
—
—
—
VSWR Output
—
300 - 400 MHz
400 - 1500 MHz
1500 - 1800 MHz
Ratio
Ratio
Ratio
—
—
—
—
—
—
3.5:1
3.0:1
2.5:1


Similar Part No. - AM-153

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
AM-153 MACOM-AM-153 Datasheet
216Kb / 2P
Low Noise Amplifier, 12 dB Gain, 300 - 1800 MHz
logo
M/A-COM Technology Solu...
AM-153 MA-COM-AM-153 Datasheet
64Kb / 2P
Low Noise Amplifier, 12 dB Gain, 300 - 1800 MHz
logo
Tyco Electronics
AM-153PIN MACOM-AM-153PIN Datasheet
216Kb / 2P
Low Noise Amplifier, 12 dB Gain, 300 - 1800 MHz
logo
M/A-COM Technology Solu...
AM-153PIN MA-COM-AM-153PIN Datasheet
64Kb / 2P
Low Noise Amplifier, 12 dB Gain, 300 - 1800 MHz
AM-153 MA-COM-AM-153_15 Datasheet
411Kb / 3P
Low Noise Amplifier, 12 dB Gain
More results

Similar Description - AM-153

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
AM-AMC-142 MACOM-AM-AMC-142 Datasheet
221Kb / 3P
Low Noise Amplifier, 12 dB Gain, 200 - 1000 MHz
AM-153 MACOM-AM-153 Datasheet
216Kb / 2P
Low Noise Amplifier, 12 dB Gain, 300 - 1800 MHz
AM-160 MACOM-AM-160_1 Datasheet
214Kb / 3P
Low Noise Amplifier, 28 dB Gain, 100 - 600 MHz
AM-162 MACOM-AM-162 Datasheet
292Kb / 3P
Low Noise Amplifier, 12.5 dB Gain, 10 - 100 MHz
logo
M/A-COM Technology Solu...
AM-153 MA-COM-AM-153 Datasheet
64Kb / 2P
Low Noise Amplifier, 12 dB Gain, 300 - 1800 MHz
AM-143-AMC-143 MA-COM-AM-143-AMC-143 Datasheet
85Kb / 3P
Low Noise Amplifier, 16 dB Gain
AM-AMC-AMS-162 MA-COM-AM-AMC-AMS-162 Datasheet
95Kb / 3P
Low Noise Amplifier, 12.5 dB Gain,
AM-153 MA-COM-AM-153_15 Datasheet
411Kb / 3P
Low Noise Amplifier, 12 dB Gain
AM-160 MA-COM-AM-160_15 Datasheet
455Kb / 4P
Low Noise Amplifier, 28 dB Gain
AMS-162 MA-COM-AMS-162_15 Datasheet
624Kb / 4P
Low Noise Amplifier, 12.5 dB Gain, 10 - 100 MHz
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com