Electronic Components Datasheet Search
  English  ▼

X  

PDR5K-13 Datasheet(PDF) 2 Page - Diodes Incorporated

Part # PDR5K-13
Description  5A GLASS PASSIVATED RECTIFIER
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

PDR5K-13 Datasheet(HTML) 2 Page - Diodes Incorporated

  PDR5K-13 Datasheet HTML 1Page - Diodes Incorporated PDR5K-13 Datasheet HTML 2Page - Diodes Incorporated PDR5K-13 Datasheet HTML 3Page - Diodes Incorporated PDR5K-13 Datasheet HTML 4Page - Diodes Incorporated PDR5K-13 Datasheet HTML 5Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
PDR5K
Document number: DS31979 Rev. 2 - 2
2 of 4
www.diodes.com
September 2013
© Diodes Incorporated
PDR5K
PowerDI is a registered trademark of Diodes Incorporated.
Maximum Ratings (@TA = +25°C, unless otherwise specified.)
Single phase, half wave, 60Hz, resistive or inductive load.
For capacitance load, derate current by 20%.
Characteristic
Symbol
PDR5K
Unit
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
VRRM
VRWM
VR
800
V
Average Rectified Output Current
IO
5
A
Non-Repetitive Peak Forward Surge Current
8.3ms Single Half Sine-Wave Superimposed on Rated Load
IFSM
200
A
Thermal Characteristics
Characteristic
Symbol
Value
Unit
Typical Thermal Resistance Junction to Lead
RJL
3
°C/W
Typical Thermal Resistance Junction to Ambient (Note 5)
RJA
28
°C/W
Operating and Storage Temperature Range
TJ, TSTG
-65 to +155
°C
Electrical Characteristics (@TA = +25°C, unless otherwise specified.)
Characteristic
Symbol
Min
Typ
Max
Unit
Test Condition
Forward Voltage
VF

0.91
0.99
0.87
V
IF = 5A, TS = +25°C
IF = 5A, TS = +125°C
Reverse Leakage Current (Note 6)
IR


10
0.3
µA
mA
VR = 800V, TJ = +25°C
VR = 800V, TJ = +125°C
Typical Reverse Recovery Time
trr
3
µs
IF = 0.5A, IR = 1.0A,
Irr = 0.25A
Notes:
5. Device mounted on Polymide PCB, with 16X recommended pad layout.
6. Short duration pulse test used to minimize self-heating effect.
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
01
2
3
4
5
6
Fig. 1 Forward Power Dissipation
I
, AVERAGE FORWARD CURRENT (A)
F(AV)
Note 5
V , INSTANTANEOUS FORWARD VOLTAGE (V)
Fig. 2 Typical Forward Characteristics
F
0
0.2
0.4
0.6
0.8
1.0
1.2
0.00001
0.0001
0.001
0.01
0.1
1
10
100
T = 150°C
A
T = 25°C
A
T = 85°C
A
T = 125°C
A



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com