Electronic Components Datasheet Search
  English  ▼

X  

DFS45424 Datasheet(PDF) 6 Page - Dynex Semiconductor

Part # DFS45424
Description  Fast Recovery Diode
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DYNEX [Dynex Semiconductor]
Direct Link  http://www.dynexsemi.com
Logo DYNEX - Dynex Semiconductor

DFS45424 Datasheet(HTML) 6 Page - Dynex Semiconductor

  DFS45424 Datasheet HTML 1Page - Dynex Semiconductor DFS45424 Datasheet HTML 2Page - Dynex Semiconductor DFS45424 Datasheet HTML 3Page - Dynex Semiconductor DFS45424 Datasheet HTML 4Page - Dynex Semiconductor DFS45424 Datasheet HTML 5Page - Dynex Semiconductor DFS45424 Datasheet HTML 6Page - Dynex Semiconductor DFS45424 Datasheet HTML 7Page - Dynex Semiconductor DFS45424 Datasheet HTML 8Page - Dynex Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
DFS454
6/8
PACKAGE DETAILS
For further package information, please contact your local Customer Service Centre. All dimensions in mm, unless stated otherwise.
DO NOT SCALE.
2 holes Ø3.6 x 2.0 deep
(One in each electrode)
Anode
Cathode
Ø19 nom
Ø42 max
Ø19 nom
Nominal weight: 50g
Clamping force: 5kN
±10%
Package outine type code: M771
100
10
1
0.1
0.01
Time - (s)
0.1
0.01
0.001
d.c. Double side cooled
Fig. 6 Maximum (limit) transient thermal impedance - junction to case - (˚C/W)



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com