Electronic Components Datasheet Search
  English  ▼

X  

2SC5184 Datasheet(PDF) 9 Page - NEC

Part # 2SC5184
Description  NPN EPITAXIAL SILICON TRANSISTOR IN SUPER MINI-MOLD PACKAGE FOR LOW-NOISE MICROWAVE AMPLIFICATION
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

2SC5184 Datasheet(HTML) 9 Page - NEC

Back Button 2SC5184 Datasheet HTML 4Page - NEC 2SC5184 Datasheet HTML 5Page - NEC 2SC5184 Datasheet HTML 6Page - NEC 2SC5184 Datasheet HTML 7Page - NEC 2SC5184 Datasheet HTML 8Page - NEC 2SC5184 Datasheet HTML 9Page - NEC 2SC5184 Datasheet HTML 10Page - NEC 2SC5184 Datasheet HTML 11Page - NEC 2SC5184 Datasheet HTML 12Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
9
2SC5184
VCE = 2 V, IC = 10 mA, ZO = 50
Ω
FREQUENCY
S11
S21
S12
S22
MHz
100.0000
200.0000
300.0000
400.0000
500.0000
600.0000
700.0000
800.0000
900.0000
1000.0000
1100.0000
1200.0000
1300.0000
1400.0000
1500.0000
1600.0000
1700.0000
1800.0000
1900.0000
2000.0000
MAG
0.805
0.733
0.645
0.531
0.445
0.366
0.311
0.269
0.240
0.212
0.194
0.174
0.161
0.148
0.141
0.132
0.127
0.122
0.123
0.123
ANG
–16.8
–31.1
–43.8
–58.4
–68.3
–78.6
–87.2
–94.4
–101.0
–107.4
–113.9
–120.4
–127.7
–134.2
–141.3
–147.6
–154.8
–161.7
–169.0
–175.7
MAG
12.051
11.136
10.084
9.504
8.484
7.598
6.839
6.153
5.628
5.139
4.750
4.399
4.097
3.836
3.613
3.403
3.231
3.069
2.919
2.802
ANG
160.5
145.9
134.6
124.1
116.3
109.4
103.8
99.5
95.7
92.4
89.4
86.5
84.0
81.6
79.2
77.2
75.1
73.1
71.1
69.5
MAG
0.021
0.039
0.052
0.063
0.073
0.083
0.092
0.100
0.110
0.119
0.128
0.137
0.146
0.155
0.164
0.174
0.182
0.192
0.201
0.210
ANG
76.4
71.1
66.7
64.9
64.6
64.2
63.5
63.8
63.6
64.0
63.9
64.1
63.5
64.4
64.2
63.5
63.3
63.0
62.6
62.2
MAG
0.923
0.818
0.711
0.615
0.550
0.492
0.451
0.416
0.393
0.374
0.355
0.341
0.326
0.316
0.307
0.298
0.290
0.283
0.277
0.271
ANG
–15.4
–27.3
–34.9
–39.8
–42.8
–44.5
–46.1
–46.7
–47.7
–48.1
–48.9
–49.3
–50.1
–50.6
–51.6
–51.8
–52.4
–53.1
–54.1
–55.0
VCE = 2 V, IC = 20 mA, ZO = 50
Ω
FREQUENCY
S11
S21
S12
S22
MHz
100.0000
200.0000
300.0000
400.0000
500.0000
600.0000
700.0000
800.0000
900.0000
1000.0000
1100.0000
1200.0000
1300.0000
1400.0000
1500.0000
1600.0000
1700.0000
1800.0000
1900.0000
2000.0000
MAG
0.723
0.629
0.520
0.403
0.327
0.266
0.228
0.196
0.175
0.155
0.143
0.129
0.121
0.114
0.109
0.105
0.102
0.101
0.105
0.108
ANG
–20.3
–38.3
–53.2
–67.5
–76.9
–86.7
–95.0
–102.2
–109.0
–116.2
–123.2
–130.1
–138.7
–145.5
–153.5
–160.3
–168.2
–176.1
177.1
171.3
MAG
15.896
14.304
12.506
11.061
9.540
8.285
7.319
6.522
5.905
5.381
4.958
4.574
4.251
3.961
3.732
3.520
3.341
3.172
3.013
2.886
ANG
156.6
140.5
128.1
117.4
110.0
104.2
99.5
95.8
92.5
89.5
86.8
84.3
81.9
79.8
77.7
75.7
74.0
72.0
70.3
68.6
MAG
0.021
0.036
0.048
0.059
0.069
0.079
0.088
0.098
0.107
0.117
0.128
0.137
0.147
0.157
0.166
0.176
0.186
0.196
0.205
0.215
ANG
78.2
71.0
67.3
67.5
66.7
67.1
67.3
67.3
67.2
67.0
67.2
67.2
66.8
66.7
66.5
65.7
65.3
64.8
64.3
64.0
MAG
0.890
0.755
0.633
0.541
0.480
0.427
0.393
0.363
0.343
0.329
0.313
0.301
0.289
0.281
0.273
0.266
0.259
0.253
0.248
0.242
ANG
–18.6
–31.2
–38.5
–42.4
–44.5
–45.6
–46.6
–46.7
–47.5
–47.6
–48.2
–48.6
–49.3
–49.7
–50.7
–51.0
–51.7
–52.8
–53.5
–54.2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com