Electronic Components Datasheet Search
  English  ▼

X  

DG648BH45 Datasheet(PDF) 13 Page - Dynex Semiconductor

Part # DG648BH45
Description  Gate Turn-off Thyristor
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DYNEX [Dynex Semiconductor]
Direct Link  http://www.dynexsemi.com
Logo DYNEX - Dynex Semiconductor

DG648BH45 Datasheet(HTML) 13 Page - Dynex Semiconductor

Back Button DG648BH45 Datasheet HTML 9Page - Dynex Semiconductor DG648BH45 Datasheet HTML 10Page - Dynex Semiconductor DG648BH45 Datasheet HTML 11Page - Dynex Semiconductor DG648BH45 Datasheet HTML 12Page - Dynex Semiconductor DG648BH45 Datasheet HTML 13Page - Dynex Semiconductor DG648BH45 Datasheet HTML 14Page - Dynex Semiconductor DG648BH45 Datasheet HTML 15Page - Dynex Semiconductor DG648BH45 Datasheet HTML 16Page - Dynex Semiconductor DG648BH45 Datasheet HTML 17Page - Dynex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 19 page
background image
DG648BH45
13/19
20
30
40
50
60
70
Rate of rise of reverse gate current dI
GQ/dt - (A/µs)
30
25
20
15
10
Conditions:
C
S = 2.0µF,
I
T = 2000A
T
j = 25˚C
T
j = 125˚C
0
500
1000
1500
2000
2500
3000
On-state current I
T - (A)
2.0
1.5
1.0
0.5
0
Conditions:
C
S = 2.0µF,
dI
GQ/dt = 40A/µs
T
j = 25˚C
T
j = 125˚C
Fig.21 Gate storage time vs rate of rise of reverse gate current
Fig.22 Gate fall time vs on-state current



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com