Electronic Components Datasheet Search
  English  ▼

X  

SMF202B Datasheet(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH

Part # SMF202B
Description  2.0 Amp High Efficiency Recovery Rectifiers
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

SMF202B Datasheet(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH

  SMF202B Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH SMF202B Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Elektronische Bauelemente
SMF201B~SMF207B
Voltage 50 V ~ 1000 V
2.0 Amp High Efficiency Recovery Rectifiers
27-Aug-2013 Rev.B
Page 1 of 2
http://www.SeCoSGmbH.com/
Any changes of specification will not be informed individually.
RoHS Compliant Product
A suffix of “-C” specifies halogen & lead-free
FEATURES
Ideal for surface mount applications
Easy pick and place
Built-in strain relief
MECHANICAL DATA
Case: Molded plastic SMB
Epoxy: UL 94V-0 rate flame retardant
Polarity: Color band denotes cathode
Mounting position: Any
PACKAGE INFORMATION
Package
MPQ
Leader Size
SMB
3K
13’ inch
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
(Rating 25°C ambient temperature unless otherwise specified. Single phase half wave, 60Hz, resistive or inductive load.
For capacitive load, de-rate current by 20%.)
Part Number
Parameter
Symbol
SMF
201B
SMF
202B
SMF
203B
SMF
204B
SMF
205B
SMF
206B
SMF
207B
Unit
Maximum Repetitive Peak Reverse Voltage
VRRM
50
100
200
400
600
800
1000
V
Maximum RMS Voltage
VRMS
35
70
140
280
420
560
700
V
Maximum DC Blocking Voltage
VDC
50
100
200
400
600
800
1000
V
Maximum Average Forward Rectified
Current.375”(9.5mm) Lead Length at
TA=55°C
IF
2
A
Peak Forward Surge Current, 8.3ms single
half sine-wave superimposed on rated load
IFSM
50
A
Maximum Instantaneous Forward Voltage @
2A
VF
1.3
1.5
1.7
V
TJ=25°C
5
Maximum DC Reverse Current
at Rated DC Blocking Voltage
TJ=125°C
IR
200
μA
Maximum Reverse Recovery Time
1
TRR
150
250
500
nS
RθJL
25
Typical Thermal Resistance
RθJC
30
°C/W
Typical Junction Capacitance
2
CJ
50
pF
Operating & Storage Temperature
TJ,TSTG
-55~150
°C
Notes:
1. Reverse Recovery Time test condition:IF=0.5A, IR=1A, IRR=0.25A
2. Measured at 1MHz and applied reverse voltage of 4.0V D.C.
SMB
A
B
E
G
D
F
C
H
Millimeter
Millimeter
REF.
Min.
Max.
REF.
Min.
Max.
A
1.91
2.20
E
-
0.203
B
4.06
4.75
F
5.08
5.59
C
3.30
3.94
G
0.76
1.52
D
1.95
2.65
H
0.15
0.31


Similar Part No. - SMF202B

ManufacturerPart #DatasheetDescription
logo
SUNMATE electronic Co.,...
SMF202B SUNMATE-SMF202B Datasheet
511Kb / 2P
SURFACE MOUNT FAST RECOVER Y RECTIFIER DIODES
More results

Similar Description - SMF202B

ManufacturerPart #DatasheetDescription
logo
Bytes
HER201 BYTES-HER201 Datasheet
154Kb / 2P
2.0 AMP HIGH EFFICIENCY RECTIFIERS
logo
SeCoS Halbleitertechnol...
SEF201B SECOS-SEF201B_15 Datasheet
253Kb / 2P
2.0 Amp High Efficiency Recovery Rectifiers
SMF201A SECOS-SMF201A_15 Datasheet
199Kb / 2P
2.0 Amp High Efficiency Recovery Rectifiers
SMF201B SECOS-SMF201B_15 Datasheet
252Kb / 2P
2.0 Amp High Efficiency Recovery Rectifiers
SUF201A SECOS-SUF201A_15 Datasheet
189Kb / 2P
2.0 Amp High Efficiency Recovery Rectifiers
SUF201B SECOS-SUF201B_15 Datasheet
235Kb / 2P
2.0 Amp High Efficiency Recovery Rectifiers
logo
Nanjing International G...
HER201 DGNJDZ-HER201 Datasheet
221Kb / 2P
2.0 AMP HIGH EFFICIENCY RECTIFIERS
UF208-2C2A-2CDO-15 DGNJDZ-UF208-2C2A-2CDO-15 Datasheet
110Kb / 2P
2.0 AMP HIGH EFFICIENCY RECTIFIERS
HER205-2C2A-2CDO-15 DGNJDZ-HER205-2C2A-2CDO-15 Datasheet
221Kb / 2P
2.0 AMP HIGH EFFICIENCY RECTIFIERS
logo
SeCoS Halbleitertechnol...
SEF205BS SECOS-SEF205BS Datasheet
246Kb / 2P
600 V 2.0 Amp High Efficiency Recovery Rectifiers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com