Electronic Components Datasheet Search
  English  ▼

X  

SMF301B Datasheet(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH

Part # SMF301B
Description  3.0 Amp High Efficiency Recovery Rectifiers
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

SMF301B Datasheet(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH

  SMF301B Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH SMF301B Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Elektronische Bauelemente
SMF301B~SMF307B
Voltage 50 V ~ 1000 V
3.0 Amp High Efficiency Recovery Rectifiers
06-Nov-2013 Rev.A
Page 1 of 2
http://www.SeCoSGmbH.com/
Any changes of specification will not be informed individually.
RoHS Compliant Product
A suffix of “-C” specifies halogen & lead-free
FEATURES
Ideal for surface mount applications
Easy pick and place
Built-in strain relief
MECHANICAL DATA
Case: Molded plastic SMB
Epoxy: UL 94V-0 rate flame retardant
Polarity: Color band denotes cathode
Mounting position: Any
PACKAGE INFORMATION
Package
MPQ
Leader Size
SMB
3K
13’ inch
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
(Rating 25°C ambient temperature unless otherwise specified. Single phase half wave, 60Hz, resistive or inductive load.
For capacitive load, de-rate current by 20%.)
Part Number
Parameter
Symbol
SMF
301B
SMF
302B
SMF
303B
SMF
304B
SMF
305B
SMF
306B
SMF
307B
Unit
Maximum Repetitive Peak Reverse Voltage
VRRM
50
100
200
400
600
800
1000
V
Maximum RMS Voltage
VRMS
35
70
140
280
420
560
700
V
Maximum DC Blocking Voltage
VDC
50
100
200
400
600
800
1000
V
Maximum Average Forward Rectified
Current.375”(9.5mm) Lead Length at
TA=55°C
IF
3
A
Peak Forward Surge Current, 8.3ms single
half sine-wave superimposed on rated load
IFSM
80
A
Maximum Instantaneous Forward Voltage @
3A
VF
1.3
1.5
1.7
V
TJ=25°C
5
Maximum DC Reverse Current
at Rated DC Blocking Voltage
TJ=100°C
IR
100
µA
Maximum Reverse Recovery Time
1
TRR
150
250
500
nS
RθJL
25
Typical Thermal Resistance
RθJC
30
°C/W
Typical Junction Capacitance
2
CJ
44
pF
Operating & Storage Temperature
TJ,TSTG
-55~150
°C
Notes:
1.
Reverse Recovery Time test condition:IF=0.5A, IR=1A, IRR=0.25A
2.
Measured at 1MHz and applied reverse voltage of 4.0V D.C.
SMB
A
B
E
G
D
F
C
H
Millimeter
Millimeter
REF.
Min.
Max.
REF.
Min.
Max.
A
1.91
2.20
E
-
0.203
B
4.06
4.75
F
5.08
5.59
C
3.30
3.94
G
0.76
1.52
D
1.95
2.65
H
0.15
0.31


Similar Part No. - SMF301B

ManufacturerPart #DatasheetDescription
logo
Goodwork Semiconductor ...
SMF301B GWSEMI-SMF301B Datasheet
69Kb / 2P
3.0 AMP SURFACE MOUNT FAST RECOVERY RECTIFIERS
logo
SUNMATE electronic Co.,...
SMF301B SUNMATE-SMF301B Datasheet
313Kb / 2P
SURFACE MOUNT FAST RECOVER Y RECTIFIER DIODES
logo
SeCoS Halbleitertechnol...
SMF301B SECOS-SMF301B_15 Datasheet
284Kb / 2P
3.0 Amp High Efficiency Recovery Rectifiers
More results

Similar Description - SMF301B

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
SEF301B SECOS-SEF301B_11 Datasheet
395Kb / 2P
3.0 Amp High Efficiency Recovery Rectifiers
SEF301C SECOS-SEF301C_09 Datasheet
264Kb / 2P
3.0 AMP High Efficiency Recovery Rectifiers
SEF301B SECOS-SEF301B_15 Datasheet
395Kb / 2P
3.0 Amp High Efficiency Recovery Rectifiers
SEF301C SECOS-SEF301C_15 Datasheet
288Kb / 2P
3.0 AMP High Efficiency Recovery Rectifiers
SMF301B SECOS-SMF301B_15 Datasheet
284Kb / 2P
3.0 Amp High Efficiency Recovery Rectifiers
SUF301B SECOS-SUF301B_15 Datasheet
258Kb / 2P
3.0 Amp High Efficiency Recovery Rectifiers
logo
Nanjing International G...
UF3001 DGNJDZ-UF3001 Datasheet
204Kb / 2P
3.0 AMP HIGH EFFICIENCY RECTIFIERS
US3A DGNJDZ-US3A Datasheet
121Kb / 2P
3.0 AMP HIGH EFFICIENCY RECTIFIERS
logo
SeCoS Halbleitertechnol...
SEF305BS SECOS-SEF305BS Datasheet
137Kb / 2P
600 V 3.0 Amp High Efficiency Recovery Rectifiers
logo
Shenzhen Yixinwei Techn...
HER301 YIXIN-HER301 Datasheet
255Kb / 2P
3.0 AMP HIGH EFFICIENCY RECTIFIERS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com