Electronic Components Datasheet Search
  English  ▼

X  

DK13 Datasheet(PDF) 2 Page - Dynex Semiconductor

Part # DK13
Description  Fast Switching Thyristor
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DYNEX [Dynex Semiconductor]
Direct Link  http://www.dynexsemi.com
Logo DYNEX - Dynex Semiconductor

DK13 Datasheet(HTML) 2 Page - Dynex Semiconductor

  DK13 Datasheet HTML 1Page - Dynex Semiconductor DK13 Datasheet HTML 2Page - Dynex Semiconductor DK13 Datasheet HTML 3Page - Dynex Semiconductor DK13 Datasheet HTML 4Page - Dynex Semiconductor DK13 Datasheet HTML 5Page - Dynex Semiconductor DK13 Datasheet HTML 6Page - Dynex Semiconductor DK13 Datasheet HTML 7Page - Dynex Semiconductor DK13 Datasheet HTML 8Page - Dynex Semiconductor DK13 Datasheet HTML 9Page - Dynex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
2/13
www.dynexsemi.com
DK13..FW
SURGE RATINGS
Conditions
t
p = 10ms half sine;
T
case = 125
oC
V
R = 0% VRRM - 1/4 sine
Max.
Units
Symbol
Parameter
I
TSM
Surge (non-repetitive) on-state current
I
2tI2t for fusing
7.2 x 103
A2s
1.2
kA
THERMAL AND MECHANICAL DATA
Conditions
Min.
Max.
Units
Symbol
Parameter
-
0.24
oC/W
Thermal resistance - junction to case
R
th(j-c)
Mounting torque 15.0Nm
with mounting compound
0.08
-
oC/W
Thermal resistance - case to heatsink
R
th(c-h)
125
oC
T
vj
Virtual junction temperature
T
stg
Storage temperature range
Reverse (blocking)
-
Mounting torque
12.0
15.0
Nm
-40
150
oC
-
On-state (conducting)
-
125
oC
dc
CURRENT RATINGS
Symbol
Parameter
Conditions
Units
Max.
I
T(AV)
Mean on-state current
I
T(RMS)
RMS value
Half wave resistive load, T
case = 80
oC70
A
T
case = 80
oC
110
A
MEASUREMENT OF RECOVERED CHARGE - Q
RA1
0.5x I
RR
I
RR
Q
RA1
t
p = 1ms
ITM
dI
R/dt
Measurement of Q
RA1 : QRA1 = IRR x tRR
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com