Electronic Components Datasheet Search
  English  ▼

X  

DNB61 Datasheet(PDF) 6 Page - Dynex Semiconductor

Part # DNB61
Description  Rectifier Diode
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DYNEX [Dynex Semiconductor]
Direct Link  http://www.dynexsemi.com
Logo DYNEX - Dynex Semiconductor

DNB61 Datasheet(HTML) 6 Page - Dynex Semiconductor

  DNB61 Datasheet HTML 1Page - Dynex Semiconductor DNB61 Datasheet HTML 2Page - Dynex Semiconductor DNB61 Datasheet HTML 3Page - Dynex Semiconductor DNB61 Datasheet HTML 4Page - Dynex Semiconductor DNB61 Datasheet HTML 5Page - Dynex Semiconductor DNB61 Datasheet HTML 6Page - Dynex Semiconductor DNB61 Datasheet HTML 7Page - Dynex Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
6/7
www.dynexsemi.com
DNB61
Cathode
Anode
Ø63nom
Ø92 max
Hole Ø3.6 x 2.0 deep
(One in each electrode)
Ø102 max
Ø63nom
Nominal weight: 1100g
Clamping force: 45kN ±10%
Package outine type code: DO200AD
PACKAGE DETAILS
For further package information, please contact your nearest Customer Service Centre. All dimensions in mm, unless stated otherwise.
DO NOT SCALE.
Note:
1. Package maybe supplied with pins and/or tags.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com