Electronic Components Datasheet Search
  English  ▼

X  

DNB6313 Datasheet(PDF) 1 Page - Dynex Semiconductor

Part # DNB6313
Description  Rectifier Diode
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DYNEX [Dynex Semiconductor]
Direct Link  http://www.dynexsemi.com
Logo DYNEX - Dynex Semiconductor

DNB6313 Datasheet(HTML) 1 Page - Dynex Semiconductor

  DNB6313 Datasheet HTML 1Page - Dynex Semiconductor DNB6313 Datasheet HTML 2Page - Dynex Semiconductor DNB6313 Datasheet HTML 3Page - Dynex Semiconductor DNB6313 Datasheet HTML 4Page - Dynex Semiconductor DNB6313 Datasheet HTML 5Page - Dynex Semiconductor DNB6313 Datasheet HTML 6Page - Dynex Semiconductor DNB6313 Datasheet HTML 7Page - Dynex Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
1/7
www.dynexsemi.com
DNB63
APPLICATIONS
s Rectification
s Freewheel Diode
s DC Motor Control
s Power Supplies
s Welding
s Battery Chargers
FEATURES
s Double Side Cooling
s High Surge Capability
VOLTAGE RATINGS
1500
1400
1300
1200
1100
DNB63 15
DNB63 14
DNB63 13
DNB63 12
DNB63 11
Conditions
V
RSM
= V
RRM
+ 100V
Lower voltage grades available.
Type Number
Repetitive Peak
Reverse Voltage
V
RRM
V
DNB63
Rectifier Diode
Replaces January 2000 version, DS4179-5.0
DS4179-6.0 August 2001
KEY PARAMETERS
V
RRM
1500V
I
F(AV)
5794A
I
FSM
57000A
Outline type code: DO200AD
See Package Details for further information.
Fig. 1 Package outline


Similar Part No. - DNB6313

ManufacturerPart #DatasheetDescription
logo
Dynex Semiconductor
DNB61 DYNEX-DNB61 Datasheet
90Kb / 7P
Rectifier Diode
DNB6116 DYNEX-DNB6116 Datasheet
90Kb / 7P
Rectifier Diode
DNB6118 DYNEX-DNB6118 Datasheet
90Kb / 7P
Rectifier Diode
DNB6120 DYNEX-DNB6120 Datasheet
90Kb / 7P
Rectifier Diode
DNB6122 DYNEX-DNB6122 Datasheet
90Kb / 7P
Rectifier Diode
More results

Similar Description - DNB6313

ManufacturerPart #DatasheetDescription
logo
Power Semiconductors
AR1107 POSEICO-AR1107 Datasheet
167Kb / 4P
RECTIFIER DIODE
AR2009 POSEICO-AR2009 Datasheet
167Kb / 4P
RECTIFIER DIODE
AR242 POSEICO-AR242 Datasheet
166Kb / 4P
RECTIFIER DIODE
AR3007 POSEICO-AR3007 Datasheet
256Kb / 4P
RECTIFIER DIODE
AR447PC POSEICO-AR447PC Datasheet
352Kb / 4P
RECTIFIER DIODE
AR509PC POSEICO-AR509PC Datasheet
184Kb / 4P
RECTIFIER DIODE
AR772 POSEICO-AR772 Datasheet
238Kb / 4P
RECTIFIER DIODE
logo
Dynex Semiconductor
DS2106SY DYNEX-DS2106SY Datasheet
93Kb / 7P
Rectifier Diode
DS501ST DYNEX-DS501ST Datasheet
91Kb / 6P
Rectifier Diode
DS502ST DYNEX-DS502ST Datasheet
95Kb / 7P
Rectifier Diode
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com