Electronic Components Datasheet Search
  English  ▼

X  

DNB6544 Datasheet(PDF) 4 Page - Dynex Semiconductor

Part # DNB6544
Description  Recifier Diode
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DYNEX [Dynex Semiconductor]
Direct Link  http://www.dynexsemi.com
Logo DYNEX - Dynex Semiconductor

DNB6544 Datasheet(HTML) 4 Page - Dynex Semiconductor

  DNB6544 Datasheet HTML 1Page - Dynex Semiconductor DNB6544 Datasheet HTML 2Page - Dynex Semiconductor DNB6544 Datasheet HTML 3Page - Dynex Semiconductor DNB6544 Datasheet HTML 4Page - Dynex Semiconductor DNB6544 Datasheet HTML 5Page - Dynex Semiconductor DNB6544 Datasheet HTML 6Page - Dynex Semiconductor DNB6544 Datasheet HTML 7Page - Dynex Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
4/7
www.dynexsemi.com
DNB65
CHARACTERISTICS
Forward voltage
Peak reverse current
Parameter
µC
-
Q
S
Total stored charge
Symbol
V
FM
I
RRM
I
RM
Peak recovery current
-
500
A
6000
At V
RRM, Tcase = 150
oC
-
150
mA
-
1.45
V
At 3000A peak, T
case = 25
oC
Conditions
Typ.
Max.
Units
At T
vj = 150˚C
-
V
TO
Threshold voltage
r
T
Slope resistance
0.19
m
Ω
At T
vj = 150˚C
-
0.84
V
t
rr
Reverse recovery time
25
-
µs
I
F = 1500A, dIRR/dt = 25A/µs
T
case = 25˚C, VR = 100V
CURVES
Fig.2 Maximum (limit) forward characteristics
Fig.3 Dissipation curves
V
FM
Equation:-
V
FM
= A + Bln (I
F
) + C.I
F
+D.
√I
F
Where
A = –0.36984
B = 0.292197
C = 0.000354
D = –0.03111
these values are valid for T
j
= 125˚C for I
F
500A to 10000A
01.0
2.0
3.0
Instantaneous forward voltage, VF - (V)
0
2000
4000
6000
8000
10000
Measured under pulse conditions
Tj = 150˚C
Tj = 25˚C
0
2000
4000
6000
Mean forward current, IF(AV) - (A)
0
2000
4000
6000
8000
10000
dc
Half wave
3 phase
6 phase



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com