Electronic Components Datasheet Search
  English  ▼

X  

EA2 Datasheet(PDF) 1 Page - M/A-COM Technology Solutions, Inc.

Part # EA2
Description  Cascadable Amplifier
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

EA2 Datasheet(HTML) 1 Page - M/A-COM Technology Solutions, Inc.

  EA2 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. EA2 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
• North America Tel: 800.366.2266 • Europe Tel: +353.21.244.6400
• India Tel: +91.80.4155721
• China Tel: +86.21.2407.1588
Visit www.macomtech.com for additional data sheets and product information.
M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make
changes to the product(s) or information contained herein without notice.
1
Cascadable Amplifier
5 to 400 MHz
Rev. V2
EA2
ADVANCED:
Data Sheets contain information regarding a product M/A-COM Technology Solutions
is considering for development. Performance is based on target specifications, simulated results,
and/or prototype measurements. Commitment to develop is not guaranteed.
PRELIMINARY:
Data Sheets contain information regarding a product M/A-COM Technology
Solutions has under development. Performance is based on engineering tests. Specifications are
typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available.
Commitment to produce in volume is not guaranteed.
Features
• LOW COST
• MEDIUM OUTPUT LEVEL: +9 dBm (TYP.)
• ULTRA SMALL SIZE
Description
The EA2 RF amplifier is a discrete hybrid design, which uses
thin film manufacturing processes for accurate performance and
high reliability.
This single stage bipolar transistor feedback amplifier design
displays impressive performance over a broadband frequency
range. The unit is packaged in a TO-5 hermetically sealed, and
MIL-STD-883 environmental screening is available
.
Product Image
Ordering Information
Part Number
Package
EA2
TO-5
Absolute Maximum Ratings
Parameter
Absolute
Maximum
Storage Temperature
-62ºC to +125ºC
Case Temperature
+125ºC
DC Voltage
+17 V
Continuous Input Power
13 dBm
CW Input power
(1 minute max.)
50 mW
Peak Power (3 µsec max.)
0.5 W
“S” Series Burn-In
Temperature (case)
+125ºC
Thermal Data: VCC = +15 VDC
Parameter
Rating
Thermal Resistance θjc
45ºC/W
Transistor Power Dissipation Pd
0.068 W
Junction Temperature Rise
Above Case Tjc
3ºC
Electrical Specifications: Z0 = 50Ω, VCC = +15 VDC
Parameter
Units
Guaranteed
0º to 50ºC
-54º to +85ºC
Frequency
MHz
5-400
5-400
Small Signal Gain (min)
dB
13.0
12.5
Gain Flatness (max)
dB
±1.0
±1.2
Noise Figure (max)
dB
6.5
7.0
Power Output
@ 1 dB Compression (min)
dBm
+6.5
+6.0
VSWR Input / Output (max)
1.9:1
2.0:1
DC Current @ 15 Volts (max)
mA
27
29
Typical
5-400
13.5
±0.3
5.7
+9.0
1.6:1
26
IP3
dBm
+21
IP2
dBm
+28
2nd Order Harmonic IP
dBm
+33


Similar Part No. - EA2

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
EA2 MACOM-EA2 Datasheet
186Kb / 2P
Cascadable Amplifier 5 to 400 MHz
logo
M/A-COM Technology Solu...
EA2 MA-COM-EA2 Datasheet
120Kb / 2P
Cascadable Amplifier 5 to 400 MHz
logo
NEC
EA2 NEC-EA2 Datasheet
926Kb / 7P
Miniature Relays
EA2 NEC-EA2 Datasheet
103Kb / 8P
MINIATURE SIGNAL RELAY
EA2-12NJ NEC-EA2-12NJ Datasheet
103Kb / 8P
MINIATURE SIGNAL RELAY
More results

Similar Description - EA2

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
A75-2 MA-COM-A75-2 Datasheet
1Mb / 2P
Cascadable Amplifier Cascadable Amplifier
A87-2 MA-COM-A87-2 Datasheet
1Mb / 2P
Cascadable Amplifier Cascadable Amplifier
A18-1-SMA18-1 MA-COM-A18-1-SMA18-1 Datasheet
1Mb / 2P
Cascadable Amplifier
A26-SMA26 MA-COM-A26-SMA26 Datasheet
205Kb / 2P
Cascadable Amplifier
A28-SMA28 MA-COM-A28-SMA28 Datasheet
1Mb / 2P
Cascadable Amplifier
A59-SMA59 MA-COM-A59-SMA59 Datasheet
1Mb / 2P
Cascadable Amplifier
A70-1-SMA70-1 MA-COM-A70-1-SMA70-1 Datasheet
1Mb / 2P
Cascadable Amplifier
A70-3-SMA70-3 MA-COM-A70-3-SMA70-3 Datasheet
1Mb / 2P
Cascadable Amplifier
PA511-SMPA511 MA-COM-PA511-SMPA511 Datasheet
1Mb / 2P
Cascadable Amplifier
RA62-SMRA62 MA-COM-RA62-SMRA62 Datasheet
1Mb / 2P
Cascadable Amplifier
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com