Electronic Components Datasheet Search
  English  ▼

X  

2N7002KT Datasheet(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH

Part # 2N7002KT
Description  Channel Enhancement MOSFET
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

2N7002KT Datasheet(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH

  2N7002KT Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH 2N7002KT Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH 2N7002KT Datasheet HTML 3Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Elektronische Bauelemente
2N7002KT
N-Channel Enhancement MOSFET
29-Apr-2013 Rev. A
Page 1 of 3
http://www.SeCoSGmbH.com/
Any changes of specification will not be informed individually.
SOT-523
RS
RoHS Compliant Product
A suffix of “-C” specifies halogen & lead-free
FEATURES
Low Gate Charge for Fast Switching.
ESD Protected Gate.
APPLICATIONS
Power Management Load Switch
ESD Protected:1500V
Easily designed drive circuits
MARKING
PACKAGE INFORMATION
Package
MPQ
Leader Size
SOT-523
3K
7 inch
MAXIMUM RATINGS (TA=25℃ unless otherwise specified)
Parameter
Symbol
Rating
Unit
Drain-Source Voltage
VDSS
60
V
Gate-Source Voltage(Continuous)
VGSS
±20
V
Continuous
ID
115
Drain Current
Pulsed
IDP
1
800
mA
Continuous
IDr
115
Reverse drain current
Pulsed
IDRP
1
800
mA
Total Power Dissipation
PD
2
225
mW
Channel temperature
TJ
150
°C
Operating Storage Temperature Range
TSTG
-55~150
°C
Note
1.
Pw ≦10 µs, Duty cycle ≦1 %
2.
When mounted on a 1*0.75*0.062 inch glass epoxy board
Millimeter
Millimeter
REF.
Min.
Max.
REF.
Min.
Max.
A
1.50
1.70
K
0.30
0.50
B
0.75
0.95
M
---
10
o
C
0.60
0.80
N
---
10
o
D
0.23
0.33
S
1.50
1.70
G
0.50BSC
J
0.10
0.20


Similar Part No. - 2N7002KT

ManufacturerPart #DatasheetDescription
logo
Weitron Technology
2N7002KT WEITRON-2N7002KT Datasheet
659Kb / 5P
N-Channel ENHANCEMENT MODE POWER MOSFET
logo
SEC Electronics Inc.
2N7002KT SECELECTRONICS-2N7002KT Datasheet
169Kb / 3P
N-Channel Enhancement MOSFET
logo
Shanghai Leiditech Elec...
2N7002KT LEIDITECH-2N7002KT Datasheet
1Mb / 3P
SOT-523 Plastic-Encapsulate Mosfets
logo
Goodwork Semiconductor ...
2N7002KT GWSEMI-2N7002KT Datasheet
716Kb / 3P
N-Channel Enhancement Mode Field Effect Transistor
logo
ON Semiconductor
2N7002KT1G ONSEMI-2N7002KT1G Datasheet
106Kb / 5P
Small Signal MOSFET 60 V, 380 mA, Single, N?묬hannel, SOT??3
July, 2008 ??Rev. 4
More results

Similar Description - 2N7002KT

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
S2N7002KW SECOS-S2N7002KW Datasheet
542Kb / 2P
N-Channel Enhancement MOSFET
SCG3019 SECOS-SCG3019 Datasheet
201Kb / 4P
N-Channel Enhancement MOSFET
SMG2321P SECOS-SMG2321P Datasheet
553Kb / 4P
P-Channel Enhancement MOSFET
SMG2322N SECOS-SMG2322N Datasheet
567Kb / 4P
N-Channel Enhancement MOSFET
SSP7200N SECOS-SSP7200N Datasheet
167Kb / 2P
N-Channel Enhancement MOSFET
SSP7436N SECOS-SSP7436N Datasheet
167Kb / 2P
N-Channel Enhancement MOSFET
SMG2345P SECOS-SMG2345P Datasheet
71Kb / 2P
P-Channel Enhancement MOSFET
SSN3139K SECOS-SSN3139K Datasheet
336Kb / 3P
P Channel Enhancement MOSFET
SMG2361P SECOS-SMG2361P Datasheet
450Kb / 4P
P-Channel Enhancement MOSFET
logo
CT Micro International ...
CTL015NS10-R3 CTMICRO-CTL015NS10-R3 Datasheet
538Kb / 11P
Channel Enhancement MOSFET
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com